Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 191 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 191 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 187Page - Cirrus Logic CS47L35 Datasheet HTML 188Page - Cirrus Logic CS47L35 Datasheet HTML 189Page - Cirrus Logic CS47L35 Datasheet HTML 190Page - Cirrus Logic CS47L35 Datasheet HTML 191Page - Cirrus Logic CS47L35 Datasheet HTML 192Page - Cirrus Logic CS47L35 Datasheet HTML 193Page - Cirrus Logic CS47L35 Datasheet HTML 194Page - Cirrus Logic CS47L35 Datasheet HTML 195Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 300 page
background image
DS1085F3
191
CS47L35
4.16 Clocking and Sample Rates
Figure 4-63. System Clocking
The CS47L35 clocking control registers are described in Table 4-93.
Table 4-93. Clocking Control
Register Address
Bit
Label
Default
Description
R256 (0x0100)
Clock_32k_1
6
CLK_32K_ENA
0
32kHz Clock Enable
0 = Disabled
1 = Enabled
1:0
CLK_32K_
SRC[1:0]
10
32kHz Clock Source
00 = MCLK1 (direct)
01 = MCLK2 (direct)
10 = SYSCLK (automatically divided)
11 = Reserved
MCLK2
MCLK1
SYSCLK
AIF1BCLK
AIF2BCLK
AIF3BCLK
CLK_32K_SRC
32k Clock
Divider
(Auto)
Divider
OPCLK
OPCLK_SEL
OPCLK_DIV
Automatic Clocking Control
SYSCLK_SRC
SAMPLE_RATE_1 [4:0]
SAMPLE_RATE_2 [4:0]
SAMPLE_RATE_3 [4:0]
FLL1_REFCLK_SRC
Divider
FLL1_GPCLK_DIV
GPIO
DSPCLK
DSP_CLK_SRC
FLL1
Divide
by 3
Divide
by 2
CLK_32K_ENA
OPCLK_ENA
SYSCLK_ENA
DSP_CLK_ENA
FLL1_GPCLK_ENA
SYSCLK _FREQ [2:0]
SYSCLK _FRAC
DSP_CLK_FREQ [9:0]
Divide
by 6
AIF1LRCLK
AIF2LRCLK
AIF3LRCLK
SLIMCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com