Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 188 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 188 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 184Page - Cirrus Logic CS47L35 Datasheet HTML 185Page - Cirrus Logic CS47L35 Datasheet HTML 186Page - Cirrus Logic CS47L35 Datasheet HTML 187Page - Cirrus Logic CS47L35 Datasheet HTML 188Page - Cirrus Logic CS47L35 Datasheet HTML 189Page - Cirrus Logic CS47L35 Datasheet HTML 190Page - Cirrus Logic CS47L35 Datasheet HTML 191Page - Cirrus Logic CS47L35 Datasheet HTML 192Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 300 page
background image
188
DS1085F3
CS47L35
4.16 Clocking and Sample Rates
There are some restrictions to be observed regarding the automatic sample-rate detection configuration, as noted in the
following:
• The same sample rate must not be selected on more than one of the SAMPLE_RATE_DETECT_n fields.
• Sample rates 192 kHz and 176.4 kHz must not be selected concurrently.
• Sample rates 96 kHz and 88.2 kHz must not be selected concurrently.
The control registers associated with the automatic sample-rate detection function are described in Table 4-93.
4.16.4 SYSCLK Control
The SYSCLK clock may be provided directly from external inputs (MCLK, or Slave Mode BCLK inputs). Alternatively,
SYSCLK can be derived using the integrated FLL, with MCLK, BCLK, LRCLK or SLIMCLK as a reference. The SYSCLK
must be configured and enabled before any audio path is enabled.
The SYSCLK frequency must be valid for all of the SAMPLE_RATE_n fields. It follows that all of the SAMPLE_RATE_n
fields must select numerically-related values, that is, all from the same group of sample rates as represented in Table 4-92.
SYSCLK_SRC is used to select the SYSCLK source, as described in Table 4-93. The source may be MCLKn, AIFnBCLK,
or FLL. If the FLL circuit is selected as the source, the FLL must be enabled and configured, as described in Section 4.16.9.
Note: If FLL1 is selected as SYSCLK source, the SYSCLK frequency is FVCO / 3. This enables SYSCLK frequencies of
98.304 MHz or 90.3168 MHz. See Section 4.16.9.
SYSCLK_FREQ and SYSCLK_FRAC must be set according to the frequency of the selected SYSCLK source.
The SYSCLK-referenced circuits within the digital core are clocked at a dynamically controlled rate that is limited by the
SYSCLK frequency. For maximum signal mixing and processing capacity, the highest possible SYSCLK frequency should
be used.
The SAMPLE_RATE_n fields are set according to the sample rates that are required by one or more of the CS47L35 audio
interfaces. The CS47L35 supports sample rates ranging from 8–192kHz.
The SYSCLK signal is enabled by setting SYSCLK_ENA. The applicable clock source (MCLKn, AIFnBCLK, or FLL) must
be enabled before setting SYSCLK_ENA. This bit must be cleared when reconfiguring the SYSCLK source or frequency.
The SYSCLK_ENA bit should also be cleared before stopping or removing the applicable clock source.
The SYSCLK signal is the reference clock for many different subsystems on the CS47L35. All of the SYSCLK-dependent
subsystems should be disabled if SYSCLK is not enabled. The SYSCLK_ENA bit must be set before enabling any
SYSCLK-dependent function, and all the dependent functions should be disabled before clearing the SYSCLK_ENA bit.
The SYSCLK-dependent subsystems are referenced below; if one or more of the following conditions is met, then the
SYSCLK signal is required, and should not be interrupted or reconfigured.
Table 4-92. SYSCLK Frequency Selection
SYSCLK Frequency (MHz)
SYSCLK_FREQ
SYSCLK_FRAC
Sample Rate (kHz)
SAMPLE_RATE_n
6.144
12.288
24.576
49.152
98.304
000
001
010
011
100
012
0x01
24
0x02
48
0x03
96
0x04
192
0x05
80x11
16
0x12
32
0x13
5.6448
11.2896
22.5792
45.1584
90.3168
000
001
010
011
100
111.025
0x09
22.05
0x0A
44.1
0x0B
88.2
0x0C
176.4
0x0D
Note: The SAMPLE_RATE_n fields must each be set to a value from the same group of sample rates, and from the same
group as the SYSCLK frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com