Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 186 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 186 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 182Page - Cirrus Logic CS47L35 Datasheet HTML 183Page - Cirrus Logic CS47L35 Datasheet HTML 184Page - Cirrus Logic CS47L35 Datasheet HTML 185Page - Cirrus Logic CS47L35 Datasheet HTML 186Page - Cirrus Logic CS47L35 Datasheet HTML 187Page - Cirrus Logic CS47L35 Datasheet HTML 188Page - Cirrus Logic CS47L35 Datasheet HTML 189Page - Cirrus Logic CS47L35 Datasheet HTML 190Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 300 page
background image
186
DS1085F3
CS47L35
4.16 Clocking and Sample Rates
4.16 Clocking and Sample Rates
The CS47L35 requires a clock reference for its internal functions and also for the input (ADC) paths, output (DAC) paths,
and digital audio interfaces. Under typical clocking configurations, all commonly used audio sample rates can be derived
directly from the external reference; for additional flexibility, the CS47L35 incorporates an FLL circuit to perform frequency
conversion and filtering.
External clock signals may be connected via MCLK1 and MCLK2. These inputs are referenced to the DBVDD1 and
DBVDD2 power domains respectively. In AIF Slave Modes, the BCLK signals may be used as a reference for the system
clocks. The SLIMbus interface can provide the clock reference, when used as the input to the FLL. To avoid audible
glitches, all clock configurations must be set up before enabling playback.
4.16.1 System Clocking Overview
The CS47L35 supports two primary clock domains—SYSCLK and DSPCLK.
The SYSCLK clock domain is the reference clock for all the audio signal paths on the CS47L35. Up to three different
sample rates may be independently selected for specific audio interfaces and other input/output signal paths.
The DSPCLK clock domain is the reference clock for the programmable DSP cores on the CS47L35. A wide range of
DSPCLK frequencies can be supported, and a programmable clock divider is provided for each DSP core, allowing the
DSP clocking (and power consumption) to be optimized according to the applicable processing requirements of each DSP
core. See Section 4.4 for further details.
Note that there is no requirement for DSPCLK to be synchronized to SYSCLK. The DSPCLK controls the software
execution in the DSP cores; audio outputs from the DSP cores are synchronized to SYSCLK, regardless of the applicable
DSPCLK rate.
Excluding the DSP cores, each subsystem within the CS47L35 digital core is clocked at a dynamically controlled rate,
limited by the SYSCLK frequency. For maximum signal mixing and processing capacity, it is recommended that the
highest possible SYSCLK frequency is configured.
The DSP cores are clocked at the DSPCLK rate (or supported divisions of the DSPCLK frequency). The DSPCLK
configuration must ensure that sufficient clock cycles are available for the processing requirements of each DSP core. The
requirements vary, according to the particular software that is in use.
Table 4-91. Interrupt Control Registers
Register Address
Bit
Label
Default
Description
R6784 (0x1A80)
IRQ1_CTRL
11
IM_IRQ1
0
IRQ1 Output Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
10
IRQ_POL
1
IRQ Output Polarity Select
0 = Noninverted (Active High)
1 = Inverted (Active Low)
9
IRQ_OP_CFG
0
IRQ Output Configuration
0 = CMOS
1 = Open drain
R6786 (0x1A82)
IRQ2_CTRL
11
IM_IRQ2
0
IRQ2 Output Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
R6816 (0x1AA0)
Interrupt_Raw_
Status_1
1
IRQ2_STS
0
IRQ2 Status. IRQ2_STS is the logical OR of all unmasked x_EINT2 interrupts.
0 = Not asserted
1 = Asserted
0
IRQ1_STS
0
IRQ1 Status. IRQ1_STS is the logical OR of all unmasked x_EINT1 interrupts.
0 = Not asserted
1 = Asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com