Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 187 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 187 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 183Page - Cirrus Logic CS47L35 Datasheet HTML 184Page - Cirrus Logic CS47L35 Datasheet HTML 185Page - Cirrus Logic CS47L35 Datasheet HTML 186Page - Cirrus Logic CS47L35 Datasheet HTML 187Page - Cirrus Logic CS47L35 Datasheet HTML 188Page - Cirrus Logic CS47L35 Datasheet HTML 189Page - Cirrus Logic CS47L35 Datasheet HTML 190Page - Cirrus Logic CS47L35 Datasheet HTML 191Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 300 page
background image
DS1085F3
187
CS47L35
4.16 Clocking and Sample Rates
4.16.2 Sample-Rate Control
The CS47L35 audio signal paths are synchronized to the SYSCLK system clock.
Different sample rates may be selected for each of the audio interfaces (AIF1, AIF2, AIF3, SLIMbus), and for the input
(ADC) and output (DAC) paths, but each enabled interface must still be synchronized to SYSCLK.
The CS47L35 can support a maximum of three different sample rates at any time. The supported sample rates range from
8kHz to 192kHz.
The applicable sample rates are selected using SAMPLE_RATE_1, SAMPLE_RATE_2 and SAMPLE_RATE_3. These
must each be numerically related to each other and to the SYSCLK frequency (further details of these requirements are
provided in Table 4-92 and the accompanying text).
Each of the audio interfaces, input paths, and output paths is associated with one of the sample rates selected by the
SAMPLE_RATE_n fields.
Note that, when any of the SAMPLE_RATE_n fields is written to, the activation of the new setting is automatically
synchronized by the CS47L35 to ensure continuity of all active signal paths. The SAMPLE_RATE_n_STS bits provide
indication of the sample rate selections that have been implemented.
The following restrictions must be observed regarding the sample-rate control configuration:
• All external clock references (MCLK input or Slave Mode AIF input) must be within 1% of the applicable register
field settings.
• The input (ADC/DMIC) sample rate is valid from 8–192 kHz. If 384- or 768-kHz DMIC clock rate is selected on any
of the input paths, the supported sample rate is valid only up to 48 or 96 kHz respectively.
• The S/PDIF sample rate is valid from 32–192 kHz.
• The isochronous sample-rate converters (ISRCs) support sample rates 8–192 kHz. For each ISRC, the higher
sample rate must be an integer multiple of the lower rate.
4.16.3 Automatic Sample-Rate Detection
The CS47L35 supports automatic sample-rate detection on the digital audio interfaces (AIF1–AIF3). Note that this is only
possible when the respective interface is operating in Slave Mode (i.e., when LRCLK and BCLK are inputs to the
CS47L35).
Automatic sample-rate detection is enabled by setting RATE_EST_ENA. The LRCLK input pin selected for sample-rate
detection is set using LRCLK_SRC.
As many as four audio sample rates can be configured for automatic detection; these sample rates are selected using the
SAMPLE_RATE_DETECT_n fields. Note that the function only detects sample rates that match one of the SAMPLE_
RATE_DETECT_n fields.
If one of the selected audio sample rates is detected on the selected LRCLK input, the control-write sequencer is triggered.
A unique sequence of actions may be programmed for each of the detected sample rates. Note that the applicable control
sequences must be programmed by the user for each detection outcome; see Section 4.18.
The TRIG_ON_STARTUP bit controls whether the sample-rate detection circuit responds to the initial detection of the
applicable interface (i.e., when the AIFn interface starts up).
• If TRIG_ON_STARTUP = 0, the detection circuit only responds (i.e., trigger the control-write sequencer) to a
change in the detected sample rate—the initial sample-rate detection is ignored. (Note that the initial sample-rate
detection is the first detection of a sample rate that matches one of the SAMPLE_RATE_DETECT_n fields.)
• If TRIG_ON_STARTUP = 1, the detection circuit triggers the control-write sequencer whenever a selected sample
rate is detected, including when the AIF interface starts up, or when the sample-rate detection is first enabled.
As described above, setting TRIG_ON_STARTUP = 0 is designed to inhibit any response to the initial detection of a
sample rate that matches one of the SAMPLE_RATE_DETECT_n fields. Note that, if the LRCLK_SRC setting is changed,
or if the detection function is disabled and reenabled, a subsequent detection of a matching sample rate may trigger the
control-write sequencer, regardless of the TRIG_ON_STARTUP setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com