Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 192 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 192 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 188Page - Cirrus Logic CS47L35 Datasheet HTML 189Page - Cirrus Logic CS47L35 Datasheet HTML 190Page - Cirrus Logic CS47L35 Datasheet HTML 191Page - Cirrus Logic CS47L35 Datasheet HTML 192Page - Cirrus Logic CS47L35 Datasheet HTML 193Page - Cirrus Logic CS47L35 Datasheet HTML 194Page - Cirrus Logic CS47L35 Datasheet HTML 195Page - Cirrus Logic CS47L35 Datasheet HTML 196Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 300 page
background image
192
DS1085F3
CS47L35
4.16 Clocking and Sample Rates
R257 (0x0101)
System_Clock_1
15
SYSCLK_FRAC
0
SYSCLK Frequency
0 = SYSCLK is a multiple of 6.144MHz
1 = SYSCLK is a multiple of 5.6448MHz
10:8 SYSCLK_
FREQ[2:0]
100
SYSCLK Frequency
000 = 6.144 MHz (5.6448 MHz)
001 = 12.288 MHz (11.2896 MHz)
010 = 24.576 MHz (22.5792 MHz)
011 = 49.152 MHz (45.1584 MHz)
100 = 98.304 MHz (90.3168 MHz)
All other codes are reserved
The frequencies in brackets apply for 44.1 kHz–related sample rates only (i.e.,
SAMPLE_RATE_n = 01XXX).
6
SYSCLK_ENA
0
SYSCLK Control
0 = Disabled
1 = Enabled
SYSCLK should only be enabled after the applicable clock source has been
configured and enabled. Set this bit to 0 when reconfiguring the clock sources.
All digital core (audio mixer) x_SRC fields must be cleared before clearing
SYSCLK_ENA = 0.
3:0
SYSCLK_
SRC[3:0]
0100
SYSCLK Source
0000 = MCLK1
0001 = MCLK2
0100 = FLL1
1000 = AIF1BCLK
1001 = AIF2BCLK
1010 = AIF3BCLK
All other codes are reserved
R258 (0x0102)
Sample_rate_1
4:0
SAMPLE_RATE_
1[4:0]
0x11
Sample Rate 1 Select
0x00 = None
0x01 = 12 kHz
0x02 = 24 kHz
0x03 = 48 kHz
0x04 = 96 kHz
0x05 = 192 kHz
0x09 = 11.025 kHz
0x0A = 22.05 kHz
0x0B = 44.1 kHz
0x0C = 88.2 kHz
0x0D = 176.4 kHz
0x11 = 8 kHz
0x12 = 16 kHz
0x13 = 32 kHz
All other codes are reserved
R259 (0x0103)
Sample_rate_2
4:0
SAMPLE_RATE_
2[4:0]
0x11
Sample Rate 2 Select
Field coding is same as SAMPLE_RATE_1.
R260 (0x0104)
Sample_rate_3
4:0
SAMPLE_RATE_
3[4:0]
0x11
Sample Rate 3 Select
Field coding is same as SAMPLE_RATE_1.
R266 (0x010A)
Sample_rate_1_
status
4:0
SAMPLE_RATE_
1_STS[4:0]
0x00
Sample Rate 1 Status
(Read only)
Field coding is same as SAMPLE_RATE_1.
R267 (0x010B)
Sample_rate_2_
status
4:0
SAMPLE_RATE_
2_STS[4:0]
0x00
Sample Rate 2 Status
(Read only)
Field coding is same as SAMPLE_RATE_1.
R268 (0x010C)
Sample_rate_3_
status
4:0
SAMPLE_RATE_
3_STS[4:0]
0x00
Sample Rate 3 Status
(Read only)
Field coding is same as SAMPLE_RATE_1.
Table 4-93. Clocking Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com