Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 193 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 193 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 189Page - Cirrus Logic CS47L35 Datasheet HTML 190Page - Cirrus Logic CS47L35 Datasheet HTML 191Page - Cirrus Logic CS47L35 Datasheet HTML 192Page - Cirrus Logic CS47L35 Datasheet HTML 193Page - Cirrus Logic CS47L35 Datasheet HTML 194Page - Cirrus Logic CS47L35 Datasheet HTML 195Page - Cirrus Logic CS47L35 Datasheet HTML 196Page - Cirrus Logic CS47L35 Datasheet HTML 197Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 300 page
background image
DS1085F3
193
CS47L35
4.16 Clocking and Sample Rates
R288 (0x0120)
DSP_Clock_1
10:8 DSP_CLK_
FREQ_
RANGE[2:0]
011
DSPCLK Frequency
000=5.5 MHz to 9.375 MHz (9.216 MHz)
001=9.375 MHz to 18.75 MHz (18.432 MHz)
010=18.75 MHz to 37.5 MHz (36.864 MHz)
011=37.5 MHz to 75 MHz (73.728 MHz)
100=75 MHz to 150 MHz (147.456 MHz)
All other codes are reserved
The frequencies in brackets are the nominal (or typical) frequencies for each
setting.
If the DSPCLK frequency is equal to one of the threshold frequencies quoted (e.g.,
37.5 MHz), the higher range setting (e.g., 011) should be selected.
6
DSP_CLK_ENA
0
DSPCLK Control
0 = Disabled
1 = Enabled
DSPCLK should only be enabled after the applicable clock source has been
configured and enabled.
Set this bit to 0 when reconfiguring the clock sources.
3:0
DSP_CLK_
SRC[3:0]
0101
DSPCLK Source
0000 = MCLK1
0001 = MCLK2
0100 = FLL1
0111 = FLL1 DIV6
1000 = AIF1BCLK
1001 = AIF2BCLK
1010 = AIF3BCLK
All other codes are reserved
R329 (0x0149)
Output_system_
clock
15
OPCLK_ENA
0
OPCLK Enable
0 = Disabled
1 = Enabled
7:3
OPCLK_DIV[4:0]
0x00
OPCLK Divider
0x02 = Divide by 2
0x04 = Divide by 4
0x06 = Divide by 6
… (even numbers only)
0x1E = Divide by 30
Note that only even numbered divisions (2, 4, 6, etc.) are valid selections.
All other codes are reserved when the OPCLK signal is enabled.
2:0
OPCLK_SEL[2:0]
000
OPCLK Source Frequency
000 = 6.144 MHz (5.6448 MHz)
001 = 12.288 MHz (11.2896 MHz)
010 = 24.576 MHz (22.5792 MHz)
011 = 49.152 MHz (45.1584 MHz)
All other codes are reserved
The frequencies in brackets apply for 44.1 kHz–related SYSCLK rates only (i.e.,
SAMPLE_RATE_n = 01XXX).
The OPCLK Source Frequency must be less than or equal to the SYSCLK
frequency.
R334 (0x014E)
Clock_Gen_Pad_
Ctrl
8
MCLK2_PD
0
MCLK2 Pull-Down Control
0 = Disabled
1 = Enabled
7
MCLK1_PD
0
MCLK1 Pull-Down Control
0 = Disabled
1 = Enabled
Table 4-93. Clocking Control (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com