Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 197 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 197 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 193Page - Cirrus Logic CS47L35 Datasheet HTML 194Page - Cirrus Logic CS47L35 Datasheet HTML 195Page - Cirrus Logic CS47L35 Datasheet HTML 196Page - Cirrus Logic CS47L35 Datasheet HTML 197Page - Cirrus Logic CS47L35 Datasheet HTML 198Page - Cirrus Logic CS47L35 Datasheet HTML 199Page - Cirrus Logic CS47L35 Datasheet HTML 200Page - Cirrus Logic CS47L35 Datasheet HTML 201Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 300 page
background image
DS1085F3
197
CS47L35
4.16 Clocking and Sample Rates
Figure 4-65. FLL Configuration
The procedure for configuring the FLL is described in the following subsections. Note that the configuration of the main
FLL path and the FLL synchronizer path are very similar. One or both paths must be configured, depending on the
application requirements:
• If a single clock input reference is used, only the main FLL path should be used.
• If the input reference to the main FLL is intermittent, or may be interrupted unexpectedly, only the main FLL path
should be used.
• If two clock input references are used, the constant or low-noise clock is configured on the main FLL path and the
high-accuracy clock is configured on the FLL synchronizer path. Note that the synchronizer input must be
synchronous with the audio data.
4.16.9.3 Input Frequency Control
The main input reference is selected using FLL1_REFCLK_SRC. The synchronizer input reference is selected using
FLL1_SYNCCLK_SRC. The available options in each case are MCLK1, MCLK2, SLIMCLK, AIFnBCLK, or AIFnLRCLK.
The SLIMCLK reference is controlled by an adaptive divider on the external SLIMCLK input. The divider automatically
adapts to the SLIMbus clock gear, to provide a constant reference frequency for the FLL—see Section 4.10.7.
The FLL1_REFCLK_DIV field controls a programmable divider on the main input reference. The FLL1_SYNCCLK_DIV
field controls a programmable divider on the synchronizer input reference. Each input can be divided by 1, 2, 4 or 8. The
divider should be set to bring each reference down to 13.5 MHz or below. For best performance, it is recommended that
the highest possible frequency—within the 13.5 MHz limit—should be selected.
4.16.9.4 Output Frequency Control—Main Loop
The FLL output frequency, relative to the main input reference FREF, is a function of the following:
• The FLL oscillator frequency, FVCO
• The frequency ratio set by FLL1_FRATIO
• The real number represented by N.K. (N = integer; K = fractional portion)
The FVCO frequency must be in the range 270–300 MHz.
MCLK2
MCLK1
FLL1_REFCLK_SRC
FVCO (270MHz ≤ Fvco ≤ 300MHz)
FOUT (SYSCLK)
Divide by 3
FLL1_ENA (FLL Enable)
AIFnBCLK,
AIFnLRCLK
Divide by 1, 2, 4 or 8
Divide by
FLL1_REFCLK_DIV
F
REF <
13.5MHz
FREF
Multiply
by N.K
Multiply by
FLL1_FRATIO
Multiply by
1, 2, 3 … 16
x3
Main FLL path
FLL1_SYNCCLK_SRC
SLIMCLK
SLIMCLK_REF_GEAR
Divide by
FLL1_SYNCCLK_DIV
Divide by 1, 2, 4 or 8
FSYNC <
13.5MHz
FSYNC
Multiply
by N.K
(Sync )
Multiply by
FLL1_SYNC_F
RATIO
Multiply by
1, 2, 4, 8 or 16
x3
FLL Synchronizer path
FOUT (GPIO)
Divide by 7, 8 … 127
Divide by
FLL1_GPCLK_DIV
Divide by 2
FOUT (DSPCLK)
FLL1_SYNC_ENA
(FLL Synchronizer Enable)
Automatic
Divider
Synchronizer disabled:
Synchronizer enabled:
N.K (Sync) = FLL1_SYNC_N +
FLL1_SYNC_THETA
FLL1_SYNC_LAMBDA
N.K = FLL1_N +
FLL1_THETA
65536
N.K = FLL1_N +
FLL1_THETA
FLL1_LAMBDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com