Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 199 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 199 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 195Page - Cirrus Logic CS47L35 Datasheet HTML 196Page - Cirrus Logic CS47L35 Datasheet HTML 197Page - Cirrus Logic CS47L35 Datasheet HTML 198Page - Cirrus Logic CS47L35 Datasheet HTML 199Page - Cirrus Logic CS47L35 Datasheet HTML 200Page - Cirrus Logic CS47L35 Datasheet HTML 201Page - Cirrus Logic CS47L35 Datasheet HTML 202Page - Cirrus Logic CS47L35 Datasheet HTML 203Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 300 page
background image
DS1085F3
199
CS47L35
4.16 Clocking and Sample Rates
Other FLL fields are configured as follows:
• FLL1_PHASE_GAIN must be set to 0x2 in all cases.
• FLL1_CTRL_RATE must be set to 0x1 in all cases.
4.16.9.5 Output Frequency Control—Synchronizer Loop
A similar procedure applies for the derivation of the FLL synchronizer parameters—assuming that this function is used.
The FLL1_SYNC_FRATIO field selects the frequency division ratio of the FLL synchronizer input. The FLL1_GAIN and
FLL1_SYNC_DFSAT fields are used to optimize the FLL, according to the input frequency. These fields should be set as
described in Table 4-95.
Note: The FLL1_SYNC_FRATIO coding differs from that of FLL1_FRATIO.
The FLL oscillator frequency, FVCO, is the same frequency calculated as described in Section 4.16.9.4.
The value of N.KSYNC can then be determined as follows:
N.KSYNC =FVCO / (FLL1_SYNC_FRATIO x 3 x FSYNC)
Note that, in the above equation, the following interpretations are assumed:
•FSYNC is the synchronizer input frequency, after division by FLL1_SYNCCLK_DIV, where applicable
• FLL1_SYNC_FRATIO is the FVCO clock ratio (1, 2, 4, 8, or 16)
The value of NSYNC is held in FLL1_SYNC_N.
The value of KSYNC is determined by the FLL1_SYNC_THETA and FLL1_SYNC_LAMBDA fields:
• In Integer Mode (KSYNC = 0), FLL1_SYNC_THETA must be set to 0. The FLL1_SYNC_THETA field is not used in
Integer Mode.
• In Fractional Mode (KSYNC > 0), the FLL1_SYNC_THETA and FLL1_SYNC_LAMBDA fields can be derived as
described in Section 4.16.9.6.
The FLL1_SYNC_N, FLL1_SYNC_THETA, and FLL1_SYNC_LAMBDA fields are all coded as integers (LSB = 1).
4.16.9.6 Calculation of Theta and Lambda
In Fractional Mode, with the synchronizer disabled (K > 0, and FLL1_SYNC_ENA = 0), FLL1_THETA and FLL1_LAMBDA
are calculated with the following steps:
1. Calculate GCD(FLL) using the Greatest Common Denominator function:
GCD(FLL) = GCD(FLL1_FRATIO x FREF, FVCO /3),
where GCD(x, y) is the greatest common denominator of x and y.
FREF is the input frequency, after division by FLL1_REFCLK_DIV, where applicable.
2. Calculate FLL1_THETA and FLL1_LAMBDA using the following equations:
FLL1_THETA = ((FVCO / 3) – (FLL1_N x FLL1_FRATIO x FREF)) / GCD(FLL)
FLL1_LAMBDA = (FLL1_FRATIO x FREF)/ GCD(FLL)
Table 4-95. Selection of FLL1_SYNC_FRATIO, FLL1_SYNC_GAIN, FLL1_SYNC_DFSAT
Condition
FLL1_SYNC_FRATIO
FLL1_SYNC_GAIN
FLL1_SYNC_DFSAT
1MHz
 FSYNC < 13.5 MHz
0x0 (divide by 1)
0x4 (16x gain)
0 (wide bandwidth)
256 kHz
 FSYNC < 1 MHz
0x1 (divide by 2)
0x2 (4x gain)
0 (wide bandwidth)
128 kHz
 FSYNC < 256 kHz
0x2 (divide by 4)
0x0 (1x gain)
0 (wide bandwidth)
64 kHz
 FSYNC < 128 kHz
0x3 (divide by 8)
0x0 (1x gain)
1 (narrow bandwidth)
FSYNC < 64 kHz
0x4 (divide by 16)
0x0 (1x gain)
1 (narrow bandwidth)
Note: FSYNC is the synchronizer input frequency, after division by FLL1_SYNCCLK_DIV, where applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com