Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 202 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 202 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 198Page - Cirrus Logic CS47L35 Datasheet HTML 199Page - Cirrus Logic CS47L35 Datasheet HTML 200Page - Cirrus Logic CS47L35 Datasheet HTML 201Page - Cirrus Logic CS47L35 Datasheet HTML 202Page - Cirrus Logic CS47L35 Datasheet HTML 203Page - Cirrus Logic CS47L35 Datasheet HTML 204Page - Cirrus Logic CS47L35 Datasheet HTML 205Page - Cirrus Logic CS47L35 Datasheet HTML 206Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 300 page
background image
202
DS1085F3
CS47L35
4.16 Clocking and Sample Rates
R378 (0x017A)
FLL1_Control_8
15:12 FLL1_PHASE_
GAIN[3:0]
0010
FLL1 Phase Gain
0000 = Reserved
0001 = Reserved
0010 = 4
0011 = 8
0100 = 16
0101 = 32
0110 = 64
0111 = 128
1000–1111 = 256
11
FLL1_PHASE_
ENA
1
FLL1 Phase Integrator Control
0 = Disabled
1 = Enabled
10:8 FLL1_CTRL_
RATE[2:0]
001
FLL1 Control Ratio
000 = 1
001 = 2
010 = 4
011 = 8
100 = 16
101 = 32
110 = 64
111 = 128
R383 (0x017F)
FLL1_
Synchroniser_1
0
FLL1_SYNC_
ENA
0
FLL1 Synchronizer Enable
0 = Disabled
1 = Enabled
This should be set as the final step of the FLL1 synchronizer enable sequence, i.e.,
after the other synchronizer fields have been configured.
R384 (0x0180)
FLL1_
Synchroniser_2
9:0
FLL1_SYNC_
N[9:0]
0x000
FLL1 Integer multiply for FSYNC
(LSB = 1)
R385 (0x0181)
FLL1_
Synchroniser_3
15:0 FLL1_SYNC_
THETA[15:0]
0x0000 FLL1 Fractional multiply for FSYNC
This field sets the numerator (multiply) part of the FLL1_SYNC_THETA / FLL1_
SYNC_LAMBDA ratio.
Coded as LSB = 1.
R386 (0x0182)
FLL1_
Synchroniser_4
15:0 FLL1_SYNC_
LAMBDA[15:0]
0x0000 FLL1 Fractional multiply for FSYNC
This field sets the denominator (dividing) part of the FLL1_SYNC_THETA / FLL1_
SYNC_LAMBDA ratio.
Coded as LSB = 1.
R387 (0x0183)
FLL1_
Synchroniser_5
10:8 FLL1_SYNC_
FRATIO[2:0]
000
FLL1 Synchronizer FVCO clock divider
000 = 1
001 = 2
010 = 4
011 = 8
1XX = 16
R388 (0x0184)
FLL1_
Synchroniser_6
7:6
FLL1_
SYNCCLK_
DIV[1:0]
00
FLL1 Synchronizer Clock Reference Divider
00 = 1
01 = 2
10 = 4
11 = 8
MCLK (or other input reference) must be divided down to
13.5 MHz.
3:0
FLL1_
SYNCCLK_SRC
0000
FLL1 Synchronizer Clock source
0000 = MCLK1
0001 = MCLK2
0011 = SLIMCLK
1000 = AIF1BCLK
1001 = AIF2BCLK
1010 = AIF3BCLK
1100 = AIF1LRCLK
1101 = AIF2LRCLK
1110 = AIF3LRCLK
All other codes are reserved
R389 (0x0185)
FLL1_
Synchroniser_7
5:2
FLL1_SYNC_
GAIN[3:0]
0000
FLL1 Synchronizer Gain
0000 = 1
0001 = 2
0010 = 4
0011 = 8
0100 = 16
0101 = 32
0110 = 64
0111 = 128
1000–1111 = 256
0
FLL1_SYNC_
DFSAT
1
FLL1 Synchronizer Bandwidth
0 = Wide bandwidth
1 = Narrow bandwidth
R391 (0x0187)
FLL1_Spread_
Spectrum
5:4
FLL1_SS_
AMPL[1:0]
00
FLL1 Spread Spectrum Amplitude. Controls the extent of the spread-spectrum
modulation.
00 = 0.7% (triangle), 0.7% (ZMFM, dither)
01 = 1.1% (triangle), 1.3% (ZMFM, dither)
10 = 2.3% (triangle), 2.6% (ZMFM, dither)
11 = 4.6% (triangle), 5.2% (ZMFM, dither)
3:2
FLL1_SS_
FREQ[1:0]
00
FLL1 Spread Spectrum Frequency. Controls the spread spectrum modulation
frequency in Triangle Mode.
00 = 439 kHz
01 = 878 kHz
10 = 1.17 MHz
11 = 1.76 MHz
1:0
FLL1_SS_
SEL[1:0]
00
FLL1 Spread Spectrum Select.
00 = Disabled
01 = Zero Mean Frequency (ZMFM)
10 = Triangle
11 = Dither
Table 4-96. FLL1 Register Map (Cont.)
Register Address
Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com