Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 204 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 204 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 200Page - Cirrus Logic CS47L35 Datasheet HTML 201Page - Cirrus Logic CS47L35 Datasheet HTML 202Page - Cirrus Logic CS47L35 Datasheet HTML 203Page - Cirrus Logic CS47L35 Datasheet HTML 204Page - Cirrus Logic CS47L35 Datasheet HTML 205Page - Cirrus Logic CS47L35 Datasheet HTML 206Page - Cirrus Logic CS47L35 Datasheet HTML 207Page - Cirrus Logic CS47L35 Datasheet HTML 208Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 300 page
background image
204
DS1085F3
CS47L35
4.16 Clocking and Sample Rates
4.16.9.12Example FLL Settings
Table 4-97 shows FLL settings for generating an oscillator frequency (FVCO) of 294.912 MHz from a variety of low- and
high-frequency reference inputs. This is suitable for generating SYSCLK at 98.304 MHz and/or DSPCLK at 147.456 MHz.
The recommended values of FLL1_PHASE_GAIN (0x2) and FLL1_CTRL_RATE (0x1) are also applicable in each case.
Note that the FLL settings in Table 4-97 assume that the synchronizer is disabled.
Table 4-97. Example FLL Settings—Synchronizer Disabled
FLL (Main Loop) Settings
FSOURCE
FVCO (MHz) 1
1.FVCO =(FSOURCE/FREF Divider) × 3 × N.K × FRATIO
FREF Divider 2
2.See Table 4-96 for the coding of the FLL1_REFCLK_DIV and FLL1_FRATIO fields.
FRATIO 2
N.K 3
3.N.K values are represented in the FLL1_N, FLL1_THETA, and FLL1_LAMBDA fields.
FLL1_N
FLL1_
THETA
FLL1_
LAMBDA
FLL1_
GAIN
FLL1_
PHASE_
ENA
32.000 kHz
294.912
1
4
768
0x300
0x0000
0x0001
0x2
1
32.768 kHz
294.912
1
3
1000
0x3E8
0x0000
0x0001
0x2
1
48 kHz
294.912
1
3
682.6667
0x2AA
0x0002
0x0003
0x0
0
128 kHz
294.912
1
1
768
0x300
0x0000
0x0001
0x2
1
512 kHz
294.912
1
1
192
0x0C0
0x0000
0x0001
0x2
1
1.536 MHz
294.912
1
1
64
0x040
0x0000
0x0001
0x3
1
3.072 MHz
294.912
1
1
32
0x020
0x0000
0x0001
0x3
1
11.2896 MHz
294.912
1
1
8.7075
0x008
0x0068
0x0093
0x5
0
12.000 MHz
294.912
1
1
8.192
0x008
0x0018
0x007D
0x5
0
12.288 MHz
294.912
1
1
8
0x008
0x0000
0x0001
0x3
1
13.000 MHz
294.912
1
1
7.5618
0x007
0x0391
0x0659
0x5
0
19.200 MHz
294.912
2
1
10.24
0x00A
0x0006
0x0019
0x5
0
24 MHz
294.912
2
1
8.192
0x008
0x0018
0x007D
0x5
0
26 MHz
294.912
2
1
7.5618
0x007
0x0391
0x0659
0x5
0
27 MHz
294.912
2
1
7.2818
0x007
0x013D
0x0465
0x5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com