Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35 Datasheet(PDF) 206 Page - Cirrus Logic

Part # CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Datasheet(HTML) 206 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 202Page - Cirrus Logic CS47L35 Datasheet HTML 203Page - Cirrus Logic CS47L35 Datasheet HTML 204Page - Cirrus Logic CS47L35 Datasheet HTML 205Page - Cirrus Logic CS47L35 Datasheet HTML 206Page - Cirrus Logic CS47L35 Datasheet HTML 207Page - Cirrus Logic CS47L35 Datasheet HTML 208Page - Cirrus Logic CS47L35 Datasheet HTML 209Page - Cirrus Logic CS47L35 Datasheet HTML 210Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 300 page
background image
206
DS1085F3
CS47L35
4.17 Control Interface
4.17 Control Interface
The CS47L35 is controlled by read/write access to its control registers. Two independent control interfaces are provided,
giving flexible capability as described below. Note that the SLIMbus interface also supports read/write access to the
CS47L35 control registers; see Section 4.10.
Register access is possible on all of the control interfaces (including SLIMbus) simultaneously. Note that the control
interface function can be supported with or without system clocking—there is no requirement for SYSCLK, or any other
system clock, to be enabled when accessing the register map.
The CS47L35 executes a boot sequence following power-on reset, hardware reset, software reset, or wake-up from Sleep
Mode. Note that control register writes should not be attempted until the boot sequence has completed. See Section 4.22
for further details.
A summary of the CS47L35 control interfaces is described in Table 4-99.
The CS47L35 provides an integrated pull-down resistor on the CIF1MISO pin. This provides a flexible capability for
interfacing with other devices. The pull-down is enabled by setting CIF1MISO_PD, as described in Table 4-100.
A detailed description of the I2C and SPI interface modes is provided in the following sections.
4.17.1 Four-Wire (SPI) Control Mode
The SPI control interface mode is supported on CIF1 only and uses the respective SS, SCLK, MOSI, and MISO pins.
In write operations (R/W = 0), the MOSI pin input is driven by the controlling device.
In read operations (R/W = 1), the MOSI pin is ignored following receipt of the valid register address.
If SS is asserted (Logic 0), the MISO output is actively driven when outputting data and is high impedance at other times.
If SS is not asserted, the MISO output is high impedance.
The high-impedance state of the MISO output allows the pin to be shared with other slaves. An internal pull-down resistor
can be enabled on the CIF1MISO pin, as described in Table 4-100.
Data transfers on CIF1 must use the applicable SPI message format, according to the register address space that is being
accessed:
• When accessing register addresses below R12288 (0x3000), the applicable SPI protocol comprises a 31-bit register
address and 16-bit data words.
• When accessing register addresses from R12888 (0x3000) upwards, the applicable SPI protocol comprises a 31-bit
register address and 32-bit data words.
• Note that, in all cases, the complete SPI message protocol also includes a read/write bit and a 16-bit padding phase
(see Fig. 4-66 and Fig. 4-67 below).
Table 4-99. CS47L35 Control Interface Summary
Control Interface
Description
Pin Functions
Power Domain
CIF1
Four-wire (SPI) interface CIF1MISO—Data output
CIF1MOSI—Data input
CIF1SCLK—Interface clock input
CIF1SS—Slave select input
DBVDD1
CIF2
Two-wire (I2C) interface CIF2SCLK—Interface clock input
CIF2SDA—Data input/output
DBVDD1
Table 4-100. Control Interface Pull-Down
Register Address
Bit
Label
Default
Description
R8 (0x0008)
Ctrl_IF_CFG_1
7
CIF1MISO_PD
0
CIF1MISO Pull-Down Control
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com