Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 149 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 149 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 145Page - NXP Semiconductors MPC821 Datasheet HTML 146Page - NXP Semiconductors MPC821 Datasheet HTML 147Page - NXP Semiconductors MPC821 Datasheet HTML 148Page - NXP Semiconductors MPC821 Datasheet HTML 149Page - NXP Semiconductors MPC821 Datasheet HTML 150Page - NXP Semiconductors MPC821 Datasheet HTML 151Page - NXP Semiconductors MPC821 Datasheet HTML 152Page - NXP Semiconductors MPC821 Datasheet HTML 153Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Reset = 0;" open drain
RstDeb1 = !( Rst1 & (!( RstDeb1.fb & Rst0) ) );
" Reset push-button debouncer
AbrDeb1 = !( Abr1 & (!( AbrDeb1.fb & Abr0) ) );
" Abort push-button debouncer
HardResetEn = RstDeb1.fb & AbrDeb1.fb " both buttons are depressed;
# REGULAR_POWER_ON_RESET;
SoftResetEn = RstDeb1.fb & !AbrDeb1.fb;" only reset button depressed
"******************************************************************************
"* Power On reset configuration
"******************************************************************************
equations
Modck.oe = ModckOe;
ModckOe = DRIVE_MODCK_TO_PDA;
Modck2 = L;
@ifndef SLOW_32K_LOCK {
Modck2 = ModIn;" support for 1:513 (32KHz crystal) or
Modck1 = ModIn;" 1:5 (5MHz clock gen.) via CLK4IN
}
@ifdef SLOW_32K_LOCK {
Modck2 = !ModIn;" support for 1:1 or 1:5 from CLK4IN only
Modck1 = H;" no support for 32K oscillator.
}
"******************************************************************************
"* Hard reset configuration
"******************************************************************************
equations
ResetConfig~.oe = H;
DriveConfig~.oe = H;
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com