Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 57Page - NXP Semiconductors MPC821 Datasheet HTML 58Page - NXP Semiconductors MPC821 Datasheet HTML 59Page - NXP Semiconductors MPC821 Datasheet HTML 60Page - NXP Semiconductors MPC821 Datasheet HTML 61Page - NXP Semiconductors MPC821 Datasheet HTML 62Page - NXP Semiconductors MPC821 Datasheet HTML 63Page - NXP Semiconductors MPC821 Datasheet HTML 64Page - NXP Semiconductors MPC821 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
has a 10 pin header connector matching the one on the FADS.
In this mode of operation, the on-board debug port controller, is connected to the target system’s
debug-port connector (see 4•12•1•1 "Debug Port Connection - Target System Requirements"
below). Since DSDO signal is driven by the MPC, it is a must, to remove the local MPC from its
socket, to avoid contention over this line.
When either the local MPC is removed from its socket or the daughter board is removed from the
FADS, all FADS’s modules are inaccessible, except for the debug-port controller. All module-enable
indications are darkened, regardless of their associated enable bits in the BCSR. Pull-up resistors are
connected to Chip-Select lines, so they do not float when the MPC is removed from its socket,
avoiding possible contention over data-bus lines.
4•12•1•1 Debug Port Connection - Target System Requirements
In order for a target system may be connected to the FADS, as a debug port controller, few measures
need to be taken on the target system:
1)
A 10-pin header connector should be made available, with electrical connections matching
FIGURE 4-8 "Standard Debug Port Connector" on page 61.
2)
Pull-down resistors, of app. 1K
Ω should be connected over DSDIA and DSCKA signals.
These resistors are to provide normalB operation, when a debug-port controller, is not con-
nected to the target system
3)
The debug-port should be enabled and routed to the desired pins. See the DBGC and
DBPC fields within the HARD-RESET configuration word.
4•12•2
Debug Port Control / Status Register
The control / status register is an 8 bit register (bit 7 stands for MSB). For the description of the ADI
A. Remember that the location of DSDI and DSCK is determined by the HARD-Reset configuration.
B. Normal - i.e., boot via CS0~.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com