Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 56Page - NXP Semiconductors MPC821 Datasheet HTML 57Page - NXP Semiconductors MPC821 Datasheet HTML 58Page - NXP Semiconductors MPC821 Datasheet HTML 59Page - NXP Semiconductors MPC821 Datasheet HTML 60Page - NXP Semiconductors MPC821 Datasheet HTML 61Page - NXP Semiconductors MPC821 Datasheet HTML 62Page - NXP Semiconductors MPC821 Datasheet HTML 63Page - NXP Semiconductors MPC821 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
FIGURE 4-7 Debug Port Controller Block Diagram
To allow for an external debug port controller to be incorporated with the FADS and to allow target
system debug by the FADS, a standard 10 pin, debug port connector is provided and the local debug
port controller may be disabledA by removing the ADI bundle from the its connector.
When the ADI’s 37 lead cable is disconnected from either the ADI connector or from the FADS’s 37
pin connector, the debug port controller is disabled allowing either the connection of an external
debug port controller, or independent s/w run, i.e., the MPC boots from the flash memory to run user’s
application without debug port controller intervention. This feature becomes especially handy regard-
ing demo’s.
In this state, VFLS(0:1) or FRZB signals are routed to the debug port connector, so that, the external
debug port controller has run mode status information.
The ADI I/F supports upto 8 boards connected on the same bundle. Address selection is done by DS2
/ 1,2,3. See 2•3•1 "ADI Port Address Selection" on page 7.
The debug port I/F has two registers: a control / status register and a data register. The control / status
register hold I/F related control / status functions, while the data register serves as the parallel side
of the Transmit / Receive shift register.
The control / status register is accessed when D_C~ bit is low while the data register is accessed
when D_C~ is driven high by the host via the ADI port.
4•12•1
MPC8XXFADS As Debug Port Controller For Target System
The FADS may be used as a debug port controller for a target system, provided that the target system
A. I.e., debug port controller outputs are tri-stated, allowing debug port to be driven by an external debug-tool.
B. Depended on H/W settings.
ADI - Handshake Logic
DSDI
DSCK
DSDO
HRESET*
SRESET*
VFLS0
VFLS1
& Port Control
Parallel <--> Serial
Converter
ADI Address
Selection
Daughter Board Connector
ADI Port Connector
Control / Status Register
Data Register
Debug Port Conn.
FRZ
CHINS*
S
S
0
1
0
1
0
1
0
1
’1’
’0’
J1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com