Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 58Page - NXP Semiconductors MPC821 Datasheet HTML 59Page - NXP Semiconductors MPC821 Datasheet HTML 60Page - NXP Semiconductors MPC821 Datasheet HTML 61Page - NXP Semiconductors MPC821 Datasheet HTML 62Page - NXP Semiconductors MPC821 Datasheet HTML 63Page - NXP Semiconductors MPC821 Datasheet HTML 64Page - NXP Semiconductors MPC821 Datasheet HTML 65Page - NXP Semiconductors MPC821 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
control status register see TABLE 4-24. "Debug Port Control / Status Register" on page 60.
a. Provided that the PCMCIA channel II pins are configured as debug pins - i.e, VFLS(0:1) signals are available. If
not, the debug port can not be operated correctly.
TABLE 4-24. Debug Port Control / Status Register
BIT
MNEMONIC
Function
I/F
Res
et
DEF
ATT.
7
MpcRst
Mpc Reset. When this status only bit indicates when active (high) that
either a SOFT or a HARD reset is driven by the MPC.
-R
6
TxError
Transmit Error. When this status only bit is active (high) it indicates that
the last transmission towards the MPC, was cut by an internal MPC8XX
reset source. This bit is updated for each byte sent.
-R
5
InDebug
In Debug Mode. When this status only bit is active (high) it indicates that
the MPC is in debug modea.
-R
4 - 3
DebugClockFreq
Debug Clock Frequency Select. This field controls a frequency divider
which divides DSCK. For the division factors and associated DSCK
frequencies see
TABLE 4-25. "DSCK Frequency Select" below.
’00’
R/W
2
StatusRequest
Status Request. When the host writes this bit active (low), the I/F will issue
a status read request to the host by asserting ADS_REQ line to the host.
When the host writes the control register with this bit negated, no status
read request is issued.
Upon I/F reset this bit wakes-up active.
0
R/W
1
DiagLoopBack
Diagnostic Loopback Mode. When this control bit is active (low) the I/F is
placed in Diagnostic Loopback Mode. I.e., DSDI is connected internally to
DSDO, DSDI is tri-stated, and each data byte sent to the I/F data register, is
sampled back into the receive shift register. This mode allows for complete
ADI I/F test, upto transmit and receive shift registers.
Upon I/F reset this bit wakes-up active.
0
R/W
0
DebugEntry
Debug Mode Entry. When this bit is active (low), the MPC will enter debug
mode instantly after SOFT reset. When inactive, the MPC will start
executing normally and will enter debug mode only after exception.
Upon I/F reset this bit wakes-up active.
0
R/W
TABLE 4-25. DSCK Frequency Select
DebugClockFreq
DSCK
Frequency
[MHz]
00
10
01
5
10
2.5
11
1.25
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com