Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 52Page - NXP Semiconductors MPC821 Datasheet HTML 53Page - NXP Semiconductors MPC821 Datasheet HTML 54Page - NXP Semiconductors MPC821 Datasheet HTML 55Page - NXP Semiconductors MPC821 Datasheet HTML 56Page - NXP Semiconductors MPC821 Datasheet HTML 57Page - NXP Semiconductors MPC821 Datasheet HTML 58Page - NXP Semiconductors MPC821 Datasheet HTML 59Page - NXP Semiconductors MPC821 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
The description of BCSR3 is shown in TABLE 4-19. "BCSR3 Description" on page 54.
a. This is a WRITE ONLY bit so it does not conflict with the DBID filed which is READ ONLY.
TABLE 4-19. BCSR3 Description
BIT
MNEMONIC
Function
PON
DEF
ATT.
0 - 1
Reserved
Implemented
’00’
R
2 - 7
DBID(0:5)
Daughter Board ID. This field holds a code for the daughter board ID. Each
Daughter board carries a unique ID code. For the specific daughter boards’
codes see
TABLE 4-20. "Daughter Boards’ ID Codes" on page 54.
-R
5a
CNT_REG_EN_P
ROTECT
Control Register Enable Protect. When this bit is active (low) the
BCSR_EN bit in that register can not be written. When in-active, BCSR_EN
may be written to remove the BCSR from the memory map. After any write
to BCSR1 this bit becomes active again. This bit is a write-only bit on that
register.
0W
6 - 7
Reserved
Un-Implemented
-
-
8
BREVN0
Board Revision Number 0. This is the MS bit of the Board Revision
Number. See
TABLE 4-18. "MPC8XXFADS Daughter Boards’
Revision Encoding" on page 53, for the interpretation of the Board
Revision Number.
-R
9 - 11
FLASH_PD(7:5)
Flash Presence Detect(7:5). These lines are connected to the Flash SIMM
presence detect lines which encode the Delay of Flash SIMM mounted on
the Flash SIMM socket - U15. There are additional 4 presence detect lines
which encode the SIMM’s Type but appear in BCSR2. For the encoding of
FLASH_PD(7:5) see
TABLE 4-22. "FLASH Presence Detect (7:5)
Encoding" on page 55.
-
12
BREVN1
Board Revision Number 1. Second bit of the Board Revision Number. See
TABLE 4-18. "MPC8XXFADS Daughter Boards’ Revision Encoding"
on page 53, for the interpretation of the Board Revision Number.
-R
13
Reserved
Implemented
’0’
R
14 - 15
BREVN(2:3)
Board Revision Number (2:3). The 2 LS bits of the Board Revision
Number. See
TABLE 4-18. "MPC8XXFADS Daughter Boards’
Revision Encoding" on page 53, for the interpretation of the Board
Revision Number.
-R
TABLE 4-20. Daughter Boards’ ID Codes
DBID(0:5)
[HEX}
MPC8XX On
D/B
0
Reserveda.
1
MPC813b
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com