Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 32Page - NXP Semiconductors MPC821 Datasheet HTML 33Page - NXP Semiconductors MPC821 Datasheet HTML 34Page - NXP Semiconductors MPC821 Datasheet HTML 35Page - NXP Semiconductors MPC821 Datasheet HTML 36Page - NXP Semiconductors MPC821 Datasheet HTML 37Page - NXP Semiconductors MPC821 Datasheet HTML 38Page - NXP Semiconductors MPC821 Datasheet HTML 39Page - NXP Semiconductors MPC821 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
FIGURE 4-1 Refresh Scheme
As seen in FIGURE 4-1 "Refresh Scheme" above, the BRG clock is twice divided: once by the PTP
(Periodic Timer Prescaler) and again by another prescaler - the PTA, dedicated for each UPM. If
there are more than one dram banks, than refresh cycles are performed for consecutive banks, there-
fore, refresh should be made faster. The formula for calculation of the PTA is given below:
Where:
•
PTA - Periodic Timer A filed in MAMR. The value of the 2’nd divider.
•
Refresh_Period is the time (usually in msec) required to refresh a dram bank
•
Number_Of_Beats_Per_Refresh_Cycle: using the UPM looping capability, it is possible to
perform more than one refresh cycle per refresh burst (in fact upto 16).
•
Number_Of_Rows_To_Refresh: the number of rows in a dram bank
•
T_BRG: the cycle time of the BRG clock
•
MPTPR: the value of the periodic timer prescaler (2 to 64)
•
Number_Of_Banks: number of dram banks to refresh.
If we take for example a MCM36200 SIMM which has the following data:
•
Refresh_Period == 16 msec
•
Number_Of_Beats_Per_Refresh_Cycle: on the FADS it is 4.
•
Number_Of_Rows_To_Refresh == 1024
•
T_BRG == 20 nsec (system clock @ 50 Mhz)
•
MPTPR arbitrarily chosen to be 16
•
Number_Of_Banks == 2 for that SIMM
If we assign the figures to the PTA formula we get the value of PTA should be 97 decimal or 61 hex.
4•6•4
Variable Bus-Width Control
Since a port’s width determines its address lines’ connection scheme, i.e., the number of address
lines required for byte-selection varies (1 for 16-bit port and 2 for 32-bit port) according to the port’s
width, it is necessary to change address connections to a memory port if its width is to be changed.
E.g.: if a certain memory is initially configured as a 32-bit port, the list significant address line which
is connected to that memory’s A0 line should be the MPC’s A29. Now, if that port is to be reconfigured
as a 16-bit port, the LS address line becomes A30.
If a linearA address scheme is to be maintained, all address lines connected to that memory are to
A. Consequent addresses lead to adjacent memory cells
PTP
PTB
UPMB
DRAM BANKS
BRG Clock
PTA =
Refresh_Period X Number_Of_Beats_Per_Refresh_Cycle
Number_Of_Rows_To_Refresh X
X MPTPR X Number_Of_Banks
T_BRG
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com