Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 27Page - NXP Semiconductors MPC821 Datasheet HTML 28Page - NXP Semiconductors MPC821 Datasheet HTML 29Page - NXP Semiconductors MPC821 Datasheet HTML 30Page - NXP Semiconductors MPC821 Datasheet HTML 31Page - NXP Semiconductors MPC821 Datasheet HTML 32Page - NXP Semiconductors MPC821 Datasheet HTML 33Page - NXP Semiconductors MPC821 Datasheet HTML 34Page - NXP Semiconductors MPC821 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
regarded as such.
4•1•6
Reset Configuration
During reset the MPC device samples the state of some external pins to determine its operation
modes and pin configuration. There are 3 kinds of reset levels to the MPC each level having its own
configuration sampled:
1) Power - On Reset configuration
2) Hard Reset configuration
3) Soft Reset Configuration.
4•1•6•1
Power - On Reset Configuration
Just before PORESET* is negated by the external logic, the power-on reset configuration which
include the MODCK(1:2) pins is sampled. These pins determine the clock operation mode of the
MPC. Two clock modes are supported on the MPC8XXFADS:
1)
1:5 PLL operation via on-board clock generator.
In this mode MODCK(1:2) are driven with ’11’ duringA power on reset.
2)
1:513 PLL operation via on-board clock generator.
In this mode MODCK(1:2) are driven with ’00’. during power-on reset.
4•1•6•2
Hard Reset Configuration
During HARD reset sequence, when RSTCONF* pin is asserted, the MPC data bus state is sampled
to acquire the MPC’s hard reset configuration. The reset configuration word is driven by BCSR0 reg-
ister, defaults of which are set during power-on reset. The BCSR0 drives half of the configuration
word, i.e., data bits D(0:15) in which the reserved bits are designated RSRVxx. If the hard-reset con-
figuration is to be changedB, BCSR0 may be written with new values, which become valid after HARD
reset is applied to the MPC.
On the FADS, the RSTCONF* line is always driven during HARD reset, i.e., no use is possible with
the MPC’s internal HARD reset configuration defaults.
The system parameters to which BCSR0 defaults during power-on reset and are driven at hard-reset,
are listed below:
1)
Arbitration: internal arbitration is selected.
2)
Interrupt Prefix: The internal default is interrupt prefix at 0xFFF00000. It is overridden to
provide interrupt prefix at address 0, which is located within the DRAM.
3)
Boot Disable: Boot is enabled.
4)
Boot Port Size: 32 bit boot port size is selected.
5)
Initial Internal Space Base: Immediately after HARD reset, the internal space is located at
$FF000000.
6)
Debug pins configuration: PCMCIA port BC pins become PCMCIA port B pins.
7)
Debug port pins configuration. Debug port pins are on the JTAG port.
8)
External Bus Division Factor: 1:1 internal to external clocks’ frequencies ratio is selected.
4•1•6•3
Soft Reset Configuration
The rising edge of SRESET* is used to configure the development port. Before the negation of
SRESET*, DSCKD is sampled to determine for debug-mode enable / disable. After SRESET* is
D. And therefore mentioned.
A. The MODCK lines are in fact driven longer - by HRESET~ line.
B. With respect the FADS’s power-on defaults.
C. Where they exist.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com