Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 30Page - NXP Semiconductors MPC821 Datasheet HTML 31Page - NXP Semiconductors MPC821 Datasheet HTML 32Page - NXP Semiconductors MPC821 Datasheet HTML 33Page - NXP Semiconductors MPC821 Datasheet HTML 34Page - NXP Semiconductors MPC821 Datasheet HTML 35Page - NXP Semiconductors MPC821 Datasheet HTML 36Page - NXP Semiconductors MPC821 Datasheet HTML 37Page - NXP Semiconductors MPC821 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
ing the UPM) are programmed accordingly.
Dram timing control is performed by UPMA of the MPC via CS2 (and CS3 for a dual-bank SIMM) re-
gion(s), i.e., RAS and CAS signals’ generation, during normalA access as well as during refresh
cycles and the necessary address multiplexingB are performed using UPMA. CS2* and CS3* signals
are buffered from the DRAM and each is split to 2 to overcome the capacitive load over the Dram
SIMM RAS lines.
The DRAM module may enabled / disabled at any time by writing the DRAMEN~ bit in BCSR1. See
TABLE 4-10. "BCSR1 Description" on page 48.
4•6•1
DRAM 16 Bit Operation
To enhance evaluation capabilities, support is given to Dram with 16-bit and 32-bit data bus width.
That way users can tailor dram configuration, to get best fit to their application requirements. When
the DRAM is in 16 bit mode, half of it can not be used, i.e., the memory portion that is connected to
data lines D(16:31).
To configure the DRAM for 16 bit data bus width operation, the following steps should be taken:
1)
Set the Dram_Half_Word bit in BCSR1 to Half-Word. See TABLE 4-10. "BCSR1 Descrip-
tion" on page 48
2)
The Port Size bits of BR2~ (and of BR3~ for a 2-bank DRAM simm) should be set to 16 bits.
3)
The AM bits in OR2 register should be set to 1/2 of the nominal single-bank DRAM simm
volume or to 1/4 of the nominal dual-bank DRAM simm volume.
If a Dual-Bank DRAM simm is being used:
4)
The Base-Address bits in BR3 register should be set to DRAM_BASE + 1/4
Nominal_Volume, that is, if a contiguous block of DRAM is desired.
5)
The AM bits of OR3 register, should be set to 1/4 Nominal_Volume.
If the above is executed out of running code, than this code should not reside on the DRAM while
executing, otherwise, erratic behavior is likely to be demonstrated, resulting in a system crash.
4•6•2
DRAM Performance Figures
The projected performance figures for the dram are shown in TABLE 4-2. "Regular DRAM Perfor-
A. Normal i.e.: Single Read, Single Write, Burst Read & Burst Write.
B. Taking into account support for narrower bus widths.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com