Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 47Page - NXP Semiconductors MPC821 Datasheet HTML 48Page - NXP Semiconductors MPC821 Datasheet HTML 49Page - NXP Semiconductors MPC821 Datasheet HTML 50Page - NXP Semiconductors MPC821 Datasheet HTML 51Page - NXP Semiconductors MPC821 Datasheet HTML 52Page - NXP Semiconductors MPC821 Datasheet HTML 53Page - NXP Semiconductors MPC821 Datasheet HTML 54Page - NXP Semiconductors MPC821 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
a. Shaded areas are additions with respect to the MPC8XXFADS.
b. In case a Single Bank DRAM SIMM is used CS3~ is free as well.
c. Provided that this option is supported by the MPC by driving address lines low and asserting
CS0~ during Hard-Reset.
d. It is written in BCSR3.
10 - 11
PCCVPP(0:1)
PC Card VPP. These signals determine the voltage applied to the PCMCIA
card’s VPP. Possible values are 0 / 5 / 12 V. For the encoding of these lines
and their associated voltages see
TABLE 4-12. "PCCVPP(0:1)
Encoding" on page 49.
’11’
R,W
12
Dram_Half_Word
Dram Half Word. When this bit is active (low) and the steps listed in
4•6•1
"DRAM 16 Bit Operation" on page 32, are taken, the DRAM becomes
16 bit wide. When inactive the DRAM is 32 bit wide.
1
R,W
13
RS232EN_2
RS232 port 2 Enable. When asserted (low) the RS232 transceiver for port
2, is enabled. When negated, the RS232 transceiver for port 2, is in standby
mode and the relevant MPC communication port pins are available for off-
board use via the expansion connectors.
1
R,W
14
SDRAMEN
SDRAM Enable. When this bit is active (high), the SDRAM module is
enabled on the local memory map. When in-active, the DRAM is place in
low-power mode, in fact removed from the local memory map, allowing its
associated CS line, to be used off-board via the expansion connectors.
1
R,W
15
PCCVCC1
Pc Card VCC Select 1. These signal in conjunction with PCCVCC0
determine the voltage applied to the PCMCIA card’s VCC. Possible values
are 0 / 3.3 / 5 V. For the encoding of these lines and their associated
voltages see
TABLE 4-11. "PCCVCC(0:1) Encoding" on page 49.
0
R,W
16 - 31
Reserved
Un-implemented
-
-
TABLE 4-11. PCCVCC(0:1) Encoding
PCCVCC(0:1)
PC-Card VCC
[V]
00
0
01
5
10
3.3
11
0
TABLE 4-12. PCCVPP(0:1) Encoding
PCCVPP(0:1)
PC Card VPP
[V]
00
0
TABLE 4-10. BCSR1 Descriptiona
BIT
MNEMONIC
Function
PON
DEF
ATT.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com