Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 100 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 96Page - NXP Semiconductors MPC821 Datasheet HTML 97Page - NXP Semiconductors MPC821 Datasheet HTML 98Page - NXP Semiconductors MPC821 Datasheet HTML 99Page - NXP Semiconductors MPC821 Datasheet HTML 100Page - NXP Semiconductors MPC821 Datasheet HTML 101Page - NXP Semiconductors MPC821 Datasheet HTML 102Page - NXP Semiconductors MPC821 Datasheet HTML 103Page - NXP Semiconductors MPC821 Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
A•2
U11 - Board Control & Status Register
"******************************************************************************
"* In this file (6):
"* - Added board revision # at BCSR3: 0 ENG
"*
1 - PILOT.
"* - Flash Presence detect lines - added FlashPD(7:5).
"* - Changed polarity of Power-On Reset (now active high)
"* - DramEn becomes active-low to enhance debug-station support changes.
"******************************************************************************
"* In this file (7):
"* - Board revisiob code @ BCSR3 is changed to 2 - Rev A.
"******************************************************************************
"* In this file (8):
"* - Board revisiob code @ BCSR3 is changed to 3 - Rev B.
"* - Added RS232En2~ for 2'nd RS232 port.
"******************************************************************************
"* In this file (9):
"* - All status bits (except CntRegEnProtect~) are removed for external buffers.
"* - Added address line A27
"* - Added BCSR2CS~ and BCSR3CS~ for external status registers.
"* - Added controls on bcsr1:
"*
- SdramEn~
"*
- PccVcc1~
"* - Added BCSR4 with following controls:
"*
- UsbUtpFethEn~ (bit 0) enables Usb or Utopia or Fast Ethernet ports
"*
- UsbSpeed
(bit 1) Usb speed control ('1'- full speed)
"*
- UsbVcc0(bit 2) enables VCC for Usb channel
"*
- UsbVcc1
(bit 3) reserved for possible 3.3V usb power
"*
- VideoOn~(bit 4) enables video transceiver
"*
- VideoExtClkEn (bit 5) enables ext 27Mhz clock for video encoder
"*
- VideoRst~(bit 6) resets the video encoder.
"*
- SignaLamp(bit 7) used for s/w signaling to user.
"******************************************************************************
"* In this file (10):
"* - Added ethernet transceiver control signals to BCSR4:
"*
- EthLoop
(bit 8) sets the transceiver to internal loopback (H)
"*
- TPFFLDL~
(bit 9) sets the trans. to full-duplex mode. (L)
"*
- TPSQEL~
(bit 10) allows for testing the colission ciruitry
"*
of the 68160.
"*
- ModemEne~
(bit 11) enables the modem tool with the MPC823FADSDB
"*
- Modem_Audio~
(bit 12) selects between modem / audio function for
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com