Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 102 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 98Page - NXP Semiconductors MPC821 Datasheet HTML 99Page - NXP Semiconductors MPC821 Datasheet HTML 100Page - NXP Semiconductors MPC821 Datasheet HTML 101Page - NXP Semiconductors MPC821 Datasheet HTML 102Page - NXP Semiconductors MPC821 Datasheet HTML 103Page - NXP Semiconductors MPC821 Datasheet HTML 104Page - NXP Semiconductors MPC821 Datasheet HTML 105Page - NXP Semiconductors MPC821 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
D1
PIN
11;
D2
PIN
12;
D3
PIN
13;
D4
PIN
33;
D5
PIN
14;
D6
PIN
25;
D7
PIN
24;
D8
PIN
23;
D9
PIN
22;
D10
PIN
21;
D11
PIN
29;
D12
PIN
30;
D13
PIN
31;
D14
PIN
32;
D15
PIN
9;
"******************************************************************************
"* Board Control Pins. Read/Write.
"******************************************************************************
FlashEn~PIN 62 istype 'reg,buffer';
" flash enable.
DramEn~PIN
7 istype 'reg,buffer';
" dram enable
EthEn~PIN
6 istype 'reg,buffer';
" ethernet port enable
InfRedEn~PIN 41 istype 'reg,buffer';
" infra-red port enable
FlashCfgEn~PIN 37 istype 'reg,buffer';
" flash configuration enable
CntRegEn~PIN 36 istype 'reg,buffer';
" control register access enable
RS232En1~PIN 63 istype 'reg,buffer';
" RS232 port 1 enable
PccEn~PIN 40 istype 'reg,buffer';
" PCMCIA port enable
PccVcc0PIN 65 istype 'reg,buffer';
" PCMCIA operation voltage select 0
PccVpp0PIN 59 istype 'reg,buffer';
" PCMCIA programming voltage select
PccVpp1PIN 66 istype 'reg,buffer';
" PCMCIA programming voltage select
HalfWord~PIN 58 istype 'reg,buffer';
" 32/16 bit dram operation select
RS232En2~PIN 64 istype 'reg,buffer';
" RS232 port 2 enable
SdramEn~PIN 56 istype 'reg,buffer';
" sdram enable
PccVcc1PIN 57 istype 'reg,buffer';
" PCMCIA operation voltage select 1
EthLoop
PIN 60 istype 'reg,buffer';
" 68160 internal loop back
TPFLDL~
PIN 43 istype 'reg,buffer';
" 68160 full-duplex
TPSQEL~
PIN 44 istype 'reg,buffer';
" 68160 colission circuitry test.
SignaLamp~PIN
4 istype 'reg,buffer';
" status lamp for misc s/w visual signaling
UsbUtpFethEn~ PIN 67 istype 'reg,buffer';
" Usb or Utopia or Fast ethernet port enable
UsbSpeedPIN 46 istype 'reg,buffer';
" Usb speed control
UsbVcc0PIN
3 istype 'reg,buffer';
" Usb VCC select 0 line
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com