Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 10Page - NXP Semiconductors MPC821 Datasheet HTML 11Page - NXP Semiconductors MPC821 Datasheet HTML 12Page - NXP Semiconductors MPC821 Datasheet HTML 13Page - NXP Semiconductors MPC821 Datasheet HTML 14Page - NXP Semiconductors MPC821 Datasheet HTML 15Page - NXP Semiconductors MPC821 Datasheet HTML 16Page - NXP Semiconductors MPC821 Datasheet HTML 17Page - NXP Semiconductors MPC821 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 242 page
background image
Hardware Preparation and Installation
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
FIGURE 2-8 P7: +12V Power Connector
P7 is a 2 terminal block power connector with power plug. The plug is designed to accept 14 to 22
AWG wires. It is recommended to use 14 to 18 AWG wires.
2•4•6
ADI Installation
For ADI installation on various host computers, refer to APPENDIX C - "ADI Installation" on page 155.
2•4•7
Host computer to MPC8XXFADS Connection
The MPC8XXFADS ADI interface connector, P1, is a 37 pin, male, D type connector. The connection
between the MPC8XXFADS and the host computer is by a 37 line flat cable, supplied with the ADI
board. FIGURE 2-9 below shows the pin configuration of the connector.
FIGURE 2-9 P1 - ADI Port Connector
NOTE: Pin 26 on the ADI is connected to +12 v power supply, but it is not used in the MPC8XXFADS.
2•4•8
Terminal to MPC8XXFADS RS-232 Connection
A serial (RS232) terminal or any other RS232 equipment, may be connected to the RS-232
connectors PA2 and PB2. The RS-232 connectors is a 9 pin, female, Stacked D-type connector as
shown in FIGURE 2-10.
The connectors are arranged in a manner that allows for 1:1 connection with the serial port of an IBM-
ATA or compatibles, i.e. via a flat cable.
A. IBM-AT is a trademark of International Business Machines Inc.
+12V
GND
1
2
Gnd
20
N.C
1
2
Gnd
21
Gnd
22
Gnd
23
Gnd
24
Gnd
25
(+ 12 v) N.C.
26
HST_ACK
3
ADS_SRESET
4
HOST_VCC
ADS_HRESET
ADS_SEL2
ADS_SEL1
ADS_SEL0
5
6
7
8
27
HOST_VCC
HOST_VCC
Gnd
Gnd
HOST_ENABLE~
HOST_REQ
ADS_REQ
ADS_ACK
N.C.
N.C.
N.C.
9
10
11
12
13
14
28
29
30
31
32
Gnd
33
PD0
34
PD2
PD4
PD6
N.C.
PD1
PD3
PD5
PD7
15
16
17
18
19
35
36
37
D_C~
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com