Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 55Page - NXP Semiconductors MPC821 Datasheet HTML 56Page - NXP Semiconductors MPC821 Datasheet HTML 57Page - NXP Semiconductors MPC821 Datasheet HTML 58Page - NXP Semiconductors MPC821 Datasheet HTML 59Page - NXP Semiconductors MPC821 Datasheet HTML 60Page - NXP Semiconductors MPC821 Datasheet HTML 61Page - NXP Semiconductors MPC821 Datasheet HTML 62Page - NXP Semiconductors MPC821 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
4•12
Debug Port Controller
The debug port of the MPC8XXFADS is implemented on-board, connected to the MPC via the JTAGA
port. Since the locationB of the debug port is determined via the Hard-Reset configuration, It is impor-
tant that the relevant configuration bits (see 4•1•6 "Reset Configuration" on page 29) are not changed,
if working with the local debug port is desired.
The debug port controller is interfaced to host computer via Motorola’s ADI port, which is an 8-bit wide
parallel port. Since the debug port is serial, conversion is done by hardware between the parallel and
serial protocols.
The MPC’s debug port is configured at SOFT-Reset to "Asynchronous Clock Mode" i.e., the debug
port generates the debug clock - DSCK, which is asynchronous with the MPC system clock.
The debug port controller block diagram is shown in FIGURE 4-7 "Debug Port Controller Block
Diagram" on page 58.
a. Shaded areas are additions with respect to the MPC8XXFADS.
b. MPC823 Daughter Board function.
c. MPC860SAR Daughter Board function.
d. MPC860T Daughter Board function.
e. I.e., on the negative edge.
A. The debug port location is determined by the HARD - Reset configuration.
B. In terms of MPC pins.
9
VDO_EXT_CLK_
EN
Video Port Clock Enable. When this signal is active (high), it enables an
on-board 27MHz clock generator as a source for both the video encoder
and the video port controller of the MPC823.
The system programmer should avoid asserting this signal, until it is
assured that the MPC823 is set to accept external video clock. Failure in
doing so might result in permanent damage to the MPC823 and / or the on-
board 27 MHz clock generator.
This signal has no function with any daughter board other the MPC823
daughter board.
1
R,W
10
VIDEO_RST
Video Port Reset. when this active (low) signal is beinge asserted, the
Video Encoder, located on the MPC823FADSDB, is being reset. For further
informations
see
2•4
"VIDEO
Support"
on
page
4
of
the
MPC823FADSDB spec.
This signal has no function with any daughter board other the MPC823
daughter board
1
R,W
11
MODEM_EN
Modem Enable for MPC823. When this signal is active (low) while an
MPC823FADSDB is connected to the FADS, it is possible to operate the
MPC821 Modem Tool. This signal has no function with any other daughter
board.
1
R,W
12
DATA_VOICE
Modem Tool Function Select. Effective only with MPC823AFDSDB. When
This signal is high, the DATA function of the modem tool is selected. When
low, the VOICE function of the modem tool is selected.
1
R,W
13 - 31
Reserved
Un-implemented
-
-
TABLE 4-23. BCSR4 Descriptiona
BIT
MNEMONIC
Function
PON
DEF
ATT.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com