Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 34Page - NXP Semiconductors MPC821 Datasheet HTML 35Page - NXP Semiconductors MPC821 Datasheet HTML 36Page - NXP Semiconductors MPC821 Datasheet HTML 37Page - NXP Semiconductors MPC821 Datasheet HTML 38Page - NXP Semiconductors MPC821 Datasheet HTML 39Page - NXP Semiconductors MPC821 Datasheet HTML 40Page - NXP Semiconductors MPC821 Datasheet HTML 41Page - NXP Semiconductors MPC821 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
4•7
Flash Memory SIMM
The MPC8XXFADS is provided with 2Mbyte of 90 nsec flash memory SIMM - the MCM29020 by Mo-
torola. Support is given also to 4MBytes MCM29F040, 8 MBytes MCM29F080, 4 MBytes SM73218
and to 8 MBytes SM73228 by Smart Technology. The Motorola SIMMs are internally composed of 1,
2 or 4 banks of 4 Am29F040 compatible devices, while the Smart SIMMs are arranged as 1 or 2
banks of four 28F008 devices by Intel. The flash SIMM resides on an 80 pin SIMM socket.
To minimize use of MPC’s chip-select lines, only one chip-select line (CS0~) is used to select the
flash as a whole, while distributing chip-select lines among the internal banks is done via on-board
programmable logic, according to the Presence-Detect lines of the Flash SIMM inserted to the FADS.
FIGURE 4-3 Flash Memory SIMM Architecture
The access time of the Flash memory provided with the FADS is 90 nsec, however, 120 nsec devices
may be used as well. Reading the delay section of the Flash SIMM Presence-Detect lines, the
debugger establishes (via OR0) the correct number of wait-states (considering 50MHz system clock
frequency).
The Motorola SIMMs are built of AMD’s Am29F0X0 devices which are 5V programmable, i.e., there
is no need for external programming voltage and the flash may be written almostA as a regular
memory.
The SMART parts however, require 12V
± 0.5% programming voltage to be applied for programming.
If on-boards programming of such device is required, a 12V supply needs to be connected to the
FADS (P7). Otherwise, for normalB Flash operation, 12V supply is not required.
The control over the flash is done using the GPCM and a dedicated CS0~ region, controlling the
whole bank. During hard - reset initializations, the debugger reads the Flash Presence-Detect lines
via BCSR2 and decides how to program BR0 & OR0 registers, within which the size and the delay of
the region are determined.
A. A manufacturer specific dedicated programming algorithm should be implemented during flash program-
ming.
B. I.e., Read-Only.
M29F040 or
M29F040 or
M29F040 or
M29F040 or
M29F040 or
M29F040 or
M29F040 or
M29F040 or
M29F040
M29F040
M29F040
M29F040
M29F040
M29F040
M29F040
M29F040
MCM29F020
MCM29F040
MCM29F080
ADD
DATA
F_CS1~
F_CS2~
F_CS3~
F_CS4~
Flash Presence-Detect Lines
CS0~
1M X 8
1M X8
1M X 8
1M X 8
1M X 8
1M X 8
1M X 8
1M X 8
SM73218
SM73228
FADS’s
Logic
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com