Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 13Page - NXP Semiconductors MPC821 Datasheet HTML 14Page - NXP Semiconductors MPC821 Datasheet HTML 15Page - NXP Semiconductors MPC821 Datasheet HTML 16Page - NXP Semiconductors MPC821 Datasheet HTML 17Page - NXP Semiconductors MPC821 Datasheet HTML 18Page - NXP Semiconductors MPC821 Datasheet HTML 19Page - NXP Semiconductors MPC821 Datasheet HTML 20Page - NXP Semiconductors MPC821 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 242 page
background image
OPERATING INSTRUCTIONS
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
and logic-analyzer connection.
Warning
When connecting to a GND bridge, use only INSU-
LATED GND clips. Failure in doing so, might result
in permanent damage to the MPC8XXFADS.
3•2•6
ETH ON - LD1
When the yellow ETH ON led is lit, it indicates that the ethernet port transceiver - the MC68160 EEST,
is active. When it is dark, it indicates that the EEST is in power down mode, enabling the use of its
associated SCC pins off-board via the expansion connectors.
3•2•7
IRD ON - LD2
When the yellow IRD ON led is lit, it indicates that the Infra-Red transceiver - the TFDS6000, is active
and enables communication via that medium. When it is dark, the I/R transceiver is in shutdown
mode, enabling the use of its associated SCC pins off-board via the expansion connectors.
3•2•8
RS232 Port 1 ON - LD3
When the yellow RS232 Port 1 ON led is lit, it designates, that the RS232 transceiver connected to
PA2, is active and communication via that medium is allowed. When darkened, it designates that the
transceiver is in shutdown mode, so its associated MPC pins may be used off-board via the expan-
sion connectors.
3•2•9
RS232 Port 2 ON - LD4
When the yellow RS232 Port 2 ON led is lit, it designates that the RS232 transceiver connected to
PB2,
is active and communication via that medium is allowed. When darkened, it designates, that the
transceiver is in shutdown mode, so its associated MPC pins may be used off-board via the expan-
sion connectors.
3•2•10
Ethernet RX Indicator - LD5
The green Ethernet Receive LED indicator blinks whenever the EEST is receiving data from one of
the Ethernet port.
3•2•11
Ethernet TX Indicator - LD6
The green Ethernet Receive LED indicator blinks whenever the EEST is transmitting data via the
Ethernet port.
3•2•12
Ethernet JABB Indicator - LD7
The red Ethernet TP Jabber LED indicator - JABB, lights whenever a jabber condition is detected on
the TP ethernet port.
3•2•13
Ethernet CLSN Indicator LD8
The red Ethernet Collision LED indicator CLSN, blinks whenever a collision condition is detected on
the ethernet port, i.e., simultaneous receive and transmit.
3•2•14
Ethernet PLR Indicator - LD9
The red Ethernet TP Polarity LED indicator - PLR, lights whenever the wires connected to the receiver
input of the ethernet port are reversed. The LED is lit by the EEST, and remains on while the EEST
has automatically corrected for the reversed wires.
3•2•15
Ethernet LIL Indicator - LD10
The yellow Ethernet Twisted Pair Link Integrity LED indicator - LIL, lights to indicate good link integrity
on the TP port. The LED is off when the link integrity fails.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com