Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 11Page - NXP Semiconductors MPC821 Datasheet HTML 12Page - NXP Semiconductors MPC821 Datasheet HTML 13Page - NXP Semiconductors MPC821 Datasheet HTML 14Page - NXP Semiconductors MPC821 Datasheet HTML 15Page - NXP Semiconductors MPC821 Datasheet HTML 16Page - NXP Semiconductors MPC821 Datasheet HTML 17Page - NXP Semiconductors MPC821 Datasheet HTML 18Page - NXP Semiconductors MPC821 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 242 page
background image
Hardware Preparation and Installation
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
FIGURE 2-10 PA2, PB2 - RS-232 Serial Port Connectors
NOTE: The RTS line (pin 7) is not connected on the MPC8XXFADS.
2•4•9
Memory Installation
The MPC8XXFADS is supplied with two types of memory SIMM:
•
Dynamic Memory SIMM
•
Flash Memory SIMM.
To avoid shipment damage, these memories are packed aside rather than being installed in their
sockets. Therefore, they should be installed on site. To install a memory SIMM, it should be taken out
of its package, put diagonally in its socket (no error can be made here, since the Flash socket has 80
contacts, while the DRAM socket has 72) and then twisted to a vertical position until the metal lock
clips are locked. See FIGURE 2-11 "Memory SIMM Installation" below.
CAUTION
The memory SIMMs have alignment nibble near
their # 1 pin. It is important to align the memory cor-
rectly before it is twisted, otherwise damage might
be inflicted to both the memory SIMM and its sock-
et.
FIGURE 2-11 Memory SIMM Installation
1
TX
2
RX
3
RTS
4
CTS
5
DSR
6
GND
7
CD
8
9
N.C.
DTR
(1)
(2)
SIMM Socket
Memory
SIMM
Metal Lock Clip
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com