Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 25Page - NXP Semiconductors MPC821 Datasheet HTML 26Page - NXP Semiconductors MPC821 Datasheet HTML 27Page - NXP Semiconductors MPC821 Datasheet HTML 28Page - NXP Semiconductors MPC821 Datasheet HTML 29Page - NXP Semiconductors MPC821 Datasheet HTML 30Page - NXP Semiconductors MPC821 Datasheet HTML 31Page - NXP Semiconductors MPC821 Datasheet HTML 32Page - NXP Semiconductors MPC821 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 242 page
background image
OPERATING INSTRUCTIONS
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
a. MRS initialization, Uses free space.
TABLE 3-9. UPMB Initializations for MB811171622A-100, 32+MHz - 50MHz
Cycle Type
Single Read
Burst Read
Single Write
Burst Write
Refresh
Exception
Offset In UPM
0
8
18
20
30
3C
Contents
@ Offset +
0
1F07FC04
1F07FC04
1F27FC04
1F07FC04
1FF5FC84
7FFFFC07
1
EEAEFC04
EEAEFC04
EEAEBC00
EEAEBC00
FFFFFC04
X
2
11ADFC04
10ADFC04
01B93C04
10AD7C00
FFFFFC04
X
3
EFBBBC00
F0AFFC00
1FF77C47
F0AFFC00
FFFFFC04
X
4
1FF77C47
F0AFFC00
X
F0AFFC00
FFFFFC84
5
1FF77C34a
F1AFFC00
X
E1BBBC04
FFFFFC07
6
EFEABC34
EFBBBC00
X
1FF77C47
X
7
1FB57C35
1FF77C47
X
X
X
8
X
XX
9
X
XX
A
X
XX
B
X
XX
C
X
X
D
X
X
E
X
X
F
X
X
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com