Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 66Page - NXP Semiconductors MPC821 Datasheet HTML 67Page - NXP Semiconductors MPC821 Datasheet HTML 68Page - NXP Semiconductors MPC821 Datasheet HTML 69Page - NXP Semiconductors MPC821 Datasheet HTML 70Page - NXP Semiconductors MPC821 Datasheet HTML 71Page - NXP Semiconductors MPC821 Datasheet HTML 72Page - NXP Semiconductors MPC821 Datasheet HTML 73Page - NXP Semiconductors MPC821 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
5•1•5
P5 - External Debug Port Controller Input Interconnect.
The debug port connector - P5, is a 10 pin, Male, header connector, signals of which are described
47
PCCA18
O
PCMCIA Address line 18.
48
PCCA19
O
PCMCIA Address line 19.
49
PCCA20
O
PCMCIA Address line 20.
50
PCCA21
O
PCMCIA Address line 21.
51
PCCVCC
O
5V VCC for the PC-Card. Switched by the MPC8XXFADS, via
BCSR1.
52
PCCVPP
O
12V/5V VPP for the PC-Card programming. 12V available only
if12V is applied to P8. Controlled by the MPC8XXFADS, via
BCSR1.
53
PCCA22
O
PCMCIA Address line 22.
54
PCCA23
O
PCMCIA Address line 23.
55
PCCA24
O
PCMCIA Address line 24.
56
PCCA25
O
PCMCIA Address line 25.
57
VS2
I
Voltage Sense 2 from PC-Card. Indicates in conjunction with VS1
the operation voltage for the PC-Card.
58
RESET
O
Reset signal for PC-Card.
59
WAITA~
I
Cycle Wait from PC-Card. Active-low.
60
INPACK~
I
Input Port Acknowledge. Active-low. Indicates that the Pc-Card
can respond to I/O access for a certain address.
61
PCREG~
O
Attribute Memory or I/O Space - Select. Active-low. Used to select
either attribute (card-configuration) memory or I/O space.
62
BVD2
I
Battery Voltage Detect 2. Used in conjunction with BVD1 to
indicate the condition of the PC-Card’s battery.
63
BVD1
I
Battery Voltage Detect 1. Used in conjunction with BVD2 to
indicate the condition of the PC-Card’s battery.
64
PCCD8
I/O
PCMCIA Data line 8.
65
PCCD9
I/O
PCMCIA Data line 9.
66
PCCD10
I/O
PCMCIA Data line 10.
67
CD2~
I
Card Detect 2~. Active-low. Indicates in conjunction with CD1~
that a PC-Card is placed correctly in socket.
68
GND
Ground.
TABLE 5-4. P4 - PCMCIA Connector Interconnect Signals
Pin No.
Signal Name
Attribute
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com