Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 53Page - NXP Semiconductors MPC821 Datasheet HTML 54Page - NXP Semiconductors MPC821 Datasheet HTML 55Page - NXP Semiconductors MPC821 Datasheet HTML 56Page - NXP Semiconductors MPC821 Datasheet HTML 57Page - NXP Semiconductors MPC821 Datasheet HTML 58Page - NXP Semiconductors MPC821 Datasheet HTML 59Page - NXP Semiconductors MPC821 Datasheet HTML 60Page - NXP Semiconductors MPC821 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
4•11•6
BCSR4 - Board Control / Status Register 4
The BCSR4 serves as a control register on the FADS. It is accessed at offset 10H from BCSR base
address. It may be read or written at any timeA. BCSR4 gets its defaults upon Power-On reset. Most
of BCSR4 pins are available at the daughter board connectors and on the expansion connectors
a. To distinguish between
MPC8XXFADS
and
MPC8XXFADS
b. Future 8XX Members
2
MPC821
3
MPC823
4 - 1F
Reserved
20
MPC801
21
MPC850b
22
MPC860
23
MPC860SARb
24
MPC860Tb
25 - 3F
Reserved
TABLE 4-21. MPC8XXFADS Revision Number Conversion Table
Revision Number (0:3)
[Hex]
MPC8XXFADS Revision
0
ENG (Engineering)
1
PILOT
2 - F
Reserved
TABLE 4-22. FLASH Presence Detect (7:5) Encoding
FLASH_PD(7:5)
Flash Delay [nsec]
000
Not Supported
001
150
010
120
011
90
100 - 111
Not Supported
TABLE 4-20. Daughter Boards’ ID Codes
DBID(0:5)
[HEX}
MPC8XX On
D/B
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com