Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 7Page - NXP Semiconductors MPC821 Datasheet HTML 8Page - NXP Semiconductors MPC821 Datasheet HTML 9Page - NXP Semiconductors MPC821 Datasheet HTML 10Page - NXP Semiconductors MPC821 Datasheet HTML 11Page - NXP Semiconductors MPC821 Datasheet HTML 12Page - NXP Semiconductors MPC821 Datasheet HTML 13Page - NXP Semiconductors MPC821 Datasheet HTML 14Page - NXP Semiconductors MPC821 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 242 page
background image
Hardware Preparation and Installation
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
FIGURE 2-4 Host Controlled Operation Scheme
2•4•2
Debug Port Controller For Target System
This configuration resembles the previous, but here the local MPC is removed from its socket while
the FADS is connected via a 10 lead Flat-Cable between P5 and a matching connector on a target
system.
WARNNING
When connecting the FADS to a target system via
P5 and a 10 lead flat-cable, the MPC MUST be RE-
MOVED from its SOCKET. Otherwise, PERMANENT
DAMAGE might be inflicted to either the Local MPC
or to the Target MPC.
With this mode of operation, all on-board modules are disabled and can not be accessed in anyway,
except for the debug port controller. Also, all indications except for 5V power, 3.3V-PowerA and RUN
are darkened.
All debugger commands and debugging features are available in this mode, including s/w download,
breakpoints, etc‘... The target system may be reset or interrupted by the debug port or reset by the
FADS’s RESET switches. It is the responsibility of the target system designer, to provide Power-On-
Reset and HARD-Reset configurations, while SOFT-Reset configuration is provided by the debug-
port controller. See also 4•12•1 "MPC8XXFADS As Debug Port Controller For Target System" on
page 58.
A. On Daughter Board.
Host
Computer
5V Power Supply
ADI
37 Wire
Flat Cable
P1
P6
P6
P1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com