Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 29Page - NXP Semiconductors MPC821 Datasheet HTML 30Page - NXP Semiconductors MPC821 Datasheet HTML 31Page - NXP Semiconductors MPC821 Datasheet HTML 32Page - NXP Semiconductors MPC821 Datasheet HTML 33Page - NXP Semiconductors MPC821 Datasheet HTML 34Page - NXP Semiconductors MPC821 Datasheet HTML 35Page - NXP Semiconductors MPC821 Datasheet HTML 36Page - NXP Semiconductors MPC821 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
type of buffers reduces noise on board due to reduced transitions’ amplitude.
To further reduce noise and reflections, series resistors are placed over dram’s address and strobe
lines.
The data transceivers open only if there is an access to a validA B board address or during Hard -
Reset configurationC. That way data conflicts are avoided in case an off-board memory is read,
provided that it is not mapped to an address valid on board. It is the users’ responsibility to avoid such
errors.
4•5
Chip - Select Generator
The memory controller of the MPC is used as a chip-select generator to access on-boardD memories,
saving board’s area reducing cost, power consumption and increasing flexibility. To enhance off-
board application development, memory modules (including the BCSRx) may be disabled via
BCSR1E in favor of an external memory connected via the expansion connectors. That way, a CS
line may be used off-board via the expansion connectors, while its associated local memory is dis-
abled.
When a CS region is disabled via BCSR1, the local data transceivers do not open during access to
that region, avoiding possibleF contention over data lines.
The MPC’s chip-selects assignment to the various memories / registers on the FADS are as shown
in TABLE 4-1. "MPC8XXFADS Chip Selects’ Assignment" below:
4•6
DRAM
The MPC8XXFADS is provided with 4 MBytes of 60nsec delay EDO Dram SIMM. Support is given
to any 5V powered FPM / EDO Dram SIMM configured as 1M X32 upto 2 X 4M X 32, with 60 nsec
or 70nsec delay.
All dram configurations are supported via the Board Control & Status Register (BCSR), i.e., DRAM
size (4M to 32M) and delay (60 / 70 nsec) are read from BCSR2 and the associated registers (includ-
A. An address which covered in a Chip-Select region.
B. Except for SDRAM, which is Unbuffered.
C. To allow a configuration word stored in Flash memory become active.
D. And off-board. See further.
E. After the BCSR is removed from the local memory map, there is no way to access it but to re-apply power to
the FADS.
F. During read cycles.
a. If exists.
TABLE 4-1. MPC8XXFADS Chip Selects’ Assignment
Chip Select:
Assignment
CS0*
Flash Memory
CS1*
BCSR
CS2*
DRAM Bank 1
CS3*
DRAM Bank 2a
CS4*
SDRAM
CS(5-7)*
Unused, user available
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com