Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 44Page - NXP Semiconductors MPC821 Datasheet HTML 45Page - NXP Semiconductors MPC821 Datasheet HTML 46Page - NXP Semiconductors MPC821 Datasheet HTML 47Page - NXP Semiconductors MPC821 Datasheet HTML 48Page - NXP Semiconductors MPC821 Datasheet HTML 49Page - NXP Semiconductors MPC821 Datasheet HTML 50Page - NXP Semiconductors MPC821 Datasheet HTML 51Page - NXP Semiconductors MPC821 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
shown in TABLE 4-9. "BCSR0 Description" on page 46.
4•11•3
BCSR1 - Board Control Register 1
The BCSR1 serves as a control register on the FADS. It is accessed at offset 4 from BCSR base
address. It may be read or written at any timeA. BCSR1 gets its defaults upon Power-On reset. Most
of BCSR1 pins are available at the daughter board connectors and on the expansion connectors
a. May be read and written as any other fields and are presented at their associated data pins during Hard-Reset.
b. Applicable for MPC’s revision A or above. Otherwise have no influence.
A. Provided that BCSR is not disabled.
TABLE 4-9. BCSR0 Description
BIT
MNEMONIC
FUNCTION
PON
DEF.
ATT
0
ERB
External Arbitration. When ’0’ during Hard-Reset, Arbitration is performed
internally. When ’1’ during Hard-Reset, Arbitration is performed externally.
0
R,W
1
IP
Interrupt Prefix. When ’0’ during Hard-Reset, Interrupt prefix set to
0xFFF00000, if ’1’ Interrupt Prefix set to 0.
0
R,W
2
Reserved
Implementeda
0
R,W
3
BDIS
Boot Disable. When ’0’ during Hard-Reset, CS0~ region is enabled for boot.
When ’1’, CS0~ region is disabled for boot.
0
R,W
4 - 5
BPS(0:1)
Boot Port Size. Determines the port size for CS0~ at boot. ’00’ - 32 bit, ’01’ -
8 bit, ’10’ - 16 bit, ’11’ - reserved.
’00’
R,W
6
Reserved
Implementeda
0
R,W
7 - 8
ISB(0:1)
Initial Space Base. Value during Hard-Reset determines the initial base
address of the internal MPC memory map. When ’00’ - initial space at 0,
when ’01’ - initial space at 0x00F00000, when ’10’ - initial space at
0xFF000000, when ’11’ - initial space at 0xFFF00000.
’10’
R,W
9 - 10
DBGC(0:1)
Debug Pins Configuration. Value during Hard-Reset determines the
function of the PCMCIA channel II pins. When ’00’ - these pins function as
PCMCIA channel II pins, when ’01’ - they serve as Watch-Points,’10’ -
Reserved, when ’11’ - they become show-cycle attribute pins, e.g., VFLS,
VF...
’11’
R,W
11-12
DBPC(0:1)
Debug Port Pins Configuration. Value during Hard-Reset determines the
location of the debug port pins. When ’00’ - debug port pins are on the JTAG
port, when ’01’ - debug port non-existent, ’10’ - Reserved, when ’11’ debug
port is on PCMCIA channel II pins.
’00’
R,W
13 - 14
EBDF(0:1)b
External Bus Division Factor. Value during Hard Reset determines the
factor upon which the CLKOUT of the MPC external bus, is divided with
respect to its internal MPC clock. When ’00’ - CLKOUT is GCLK2 divided by
1, when ’01’, CLKOUT is GCLK2 divided by 2.
’00’
R,W
15
Reserved
Implementeda.
’0’
R,W
16 - 31
Reserved
Un-Implemented
-
-
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com