Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 14Page - NXP Semiconductors MPC821 Datasheet HTML 15Page - NXP Semiconductors MPC821 Datasheet HTML 16Page - NXP Semiconductors MPC821 Datasheet HTML 17Page - NXP Semiconductors MPC821 Datasheet HTML 18Page - NXP Semiconductors MPC821 Datasheet HTML 19Page - NXP Semiconductors MPC821 Datasheet HTML 20Page - NXP Semiconductors MPC821 Datasheet HTML 21Page - NXP Semiconductors MPC821 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 242 page
background image
OPERATING INSTRUCTIONS
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
3•2•16
5V Indicator - LD11
The yellow 5V led, indicates the presence of the +5V supply at P6.
3•2•17
RUN Indicator - LD12
When the green RUN led - LD12 is lit, it indicates that the MPC is not in debug mode, i.e., VFLS0 &
VFLS1 == 0 (or FRZ == 0, which ever selected by J1).
3•2•18
AUXILARY Indicator LD13
This indication has no dedicated function over the FADS. It is meant to provide some visibility for
program behavior. It is controlled by the Signal Lamp bit in BCSR4.
3•2•19
FLASH ON - LD14
When the yellow FLASH ON led is lit, it indicates that the FLASH SIMM is enabled in the BCSR1
register. I.e., any access done to the CS0~ address space will hit the flash memory. When it is dark,
the flash is disabled and CS0~ may be used off-board via the expansion connectors.
3•2•20
DRAM ON - LD15
When the yellow DRAM ON led is lit, it indicates the DRAM SIMM is enabled in BCSR1. Therefore,
any access made to CS2~ (or CS3~) will hit on the DRAM. When it is dark, it indicates that either the
DRAM is disabled in BCSR1, enabling the use of CS2~ and CS3~ off-board via the expansion
connectors.
3•2•21
SDRAM ON - LD16
When the yellow SDRAM ON led is lit, it indicates the SDRAM is enabled in BCSR1. Therefore, any
access made to CS4~ (will hit on the SDRAM. When it is dark, it indicates that either the SDRAM is
disabled in BCSR1, enabling the use of CS4~ off-board via the expansion connectors.
3•2•22
PCMCIA ON - LD17
When the yellow PCMCIA ON led is lit, it indicates the following:
1)
Address & strobe buffers are driven towards the PCMCIA card
2)
Data buffers are driven to / from the PCMCIA card whenever CE1A~A or CE2A~B signals
are asserted.
3)
Card status lines are driven towards the MPC from the PCMCIA card.
When it is dark, it indicates that all the above buffers are tri-stated and the pins associated with
PCMCIA channel AC, may be used off-board via the expansion connectors.
3•3
MEMORY MAP
All accesses to MPC8XXFADS’s memories are controlled by the MPC’s memory controller.
Therefore, the memory map is reprogrammable to the desire of the user. After Hard Reset is
performed by the debug station, the debugger checks to see the size, delay and type of the DRAM
and FLASH SIMMs mounted on board and initializes the chip-selects accordingly. The DRAM,
A. Connected to CE1B~ for MPC823FADSDB.
B. Connected to CE2B~ for MPC823FADSDB.
C. Or B for MPC823FADSDB.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com