Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 46Page - NXP Semiconductors MPC821 Datasheet HTML 47Page - NXP Semiconductors MPC821 Datasheet HTML 48Page - NXP Semiconductors MPC821 Datasheet HTML 49Page - NXP Semiconductors MPC821 Datasheet HTML 50Page - NXP Semiconductors MPC821 Datasheet HTML 51Page - NXP Semiconductors MPC821 Datasheet HTML 52Page - NXP Semiconductors MPC821 Datasheet HTML 53Page - NXP Semiconductors MPC821 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
BCSR1 fields are described in TABLE 4-10. "BCSR1 Description" on page 48.
TABLE 4-10. BCSR1 Descriptiona
BIT
MNEMONIC
Function
PON
DEF
ATT.
0
FLASH_EN
Flash Enable. When this bit is active (low), the Flash memory module is
enabled on the local memory map. When in-active, the Flash memory is
removed from the local memory map and CS0~, to which the Flash memory
is connected may be used off-board via the expansion connectors.
0
R,W
1
DRAM_EN
Dram Enable. When this bit is active (low), the DRAM module is enabled
on the local memory map. When in-active, the DRAM is removed from the
local memory map and CS2~ and CS3~b, to which the DRAM is connected
may be used off-board via the expansion connectors.
0
R,W
2
ETHEN
Ethernet Port Enable. When asserted (low) the EEST connected to SCC1
is enabled. When negated (high) that EEST is in standby mode, while all its
system i/f signals are tri-stated.
1
R,W
3
IRDEN
Infra-Red Port Enable. When asserted (low), the Infra-Red transceiver,
connected to SCC2 is enabled. When negated, the Infra-Red transceiver is
put in shutdown mode. And SCC2 pins are available for off-board use via
the expansion connectors.
1
R,W
4
FLASH_CFG_EN
Flash Configuration Enable. When this bit is asserted (low): (A) - the
Hard-Reset configuration held in BCSR0 is NOT driven on the data bus
during Hard-Reset and (B) - configuration data held at the 1’st word of the
flash memory is driven to the data bus during Hard-Reset. c
1
R,W
5
CNT_REG_EN_P
ROTECT
Control Register Enable Protect. When this bit is active (low) the
BCSR_EN bit in that register can not be written. When in-active, BCSR_EN
may be written to remove the BCSR from the memory map. After any write
to BCSR1 this bit becomes active again. This bit is a read-onlyd bit on that
register.
0R
6
BCSR_EN
BCSR Enable. When this bit is active (low) the Board Control & Status
Register is enabled on the local memory map. When inactive, the BCSR
may not be read or written and its associated CS1~ is available for off-board
use via the expansion connectors.
This bit may be written with ’1’ only if
CNT_REG_EN_PROTECT bit is
negated (1).
When the BCSR is disabled it still continues to configure the board
according the last data held in it even during Hard-Reset.
0
R,W
7
RS232EN_1
RS232 port 1 Enable. When asserted (low) the RS232 transceiver for port
1, is enabled. When negated, the RS232 transceiver for port 1, is in standby
mode and the relevant MPC communication port pins are available for off-
board use via the expansion connectors.
1
R,W
8
PCCEN
PC Card Enable. When asserted (low), the on-board PCMCIA channel is
enabled, i.e., address and strobe buffers are enabled to / from the card.
When negated, all buffers to / from the PCMCIA channel are disabled
allowing off-board use of its associated lines.
1
R,W
9
PCCVCC0
Pc Card VCC Select 0. These signal in conjunction with PCCVCC1
determine the voltage applied to the PCMCIA card’s VCC. Possible values
are 0 / 3.3 / 5 V. For the encoding of these lines and their associated
voltages see
TABLE 4-11. "PCCVCC(0:1) Encoding" on page 49.
0
R,W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com