Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 54Page - NXP Semiconductors MPC821 Datasheet HTML 55Page - NXP Semiconductors MPC821 Datasheet HTML 56Page - NXP Semiconductors MPC821 Datasheet HTML 57Page - NXP Semiconductors MPC821 Datasheet HTML 58Page - NXP Semiconductors MPC821 Datasheet HTML 59Page - NXP Semiconductors MPC821 Datasheet HTML 60Page - NXP Semiconductors MPC821 Datasheet HTML 61Page - NXP Semiconductors MPC821 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
residing over the daughter boards, providing visibility towards daughter boards’ and external logic.
BCSR4 fields are described in TABLE 4-23. "BCSR4 Description" on page 56.
A. Provided that BCSR is not disabled.
TABLE 4-23. BCSR4 Descriptiona
BIT
MNEMONIC
Function
PON
DEF
ATT.
0
ETHLOOP
Ethernet port Diagnostic Loop-Back. When active (high), the MC68160
EEST is configured into diagnostic Loop-Back mode, where the transmit
output is internally fed back into the receive section.
0
R,W
1
TFPLDL~
Twisted Pair Full-Duplex. When active (low), the MC68160 EEST is put
into full-duplex mode, where, simultaneous receive and transmit are
enabled.
1
R,W
2
TPSQEL~
Twisted Pair Signal Quality Error Test Enable. When active (low), a
simulated collision state is generated within the EEST, so the collision
detection circuitry within the EEST may be tested.
1
R,W
3
SIGNAL_LAMP
Signal Lamp. When this signal is active (low), a dedicated LED illuminates.
When in-active, this led is darkened. This led is used for S/W signalling to
user.
1
R,W
4
USB_ENb
/
UTOPIA_ENc
/
FETH_ENd
USB port Enable or Utopia Port Enable or Fast Ethernet Port Enable.
When this signal is active (low) it enables the USB port transceiver in case
an MPC823 daughter board is attached to the FADS or it enables the
Utopia port in case an MPC860SAR daughter board is attached to the
FADS or it enables the Fast Ethernet Port (100-Base-T) if an MPC860T
daughter board is connected.
This signal has no function with the MPC801, MPC821 and MPC860
daughter boards.
1
R,W
5
USB_SPEED
USB Port Speed. When this signal is active (high) the USB transceiver of
the MPC823 daughter board is in full-speed mode. When inactive, the USB
transceiver is in low-speed mode.
This signal has no function with any daughter board other the MPC823 or
MPC850 daughter boards.
1
R,W
6
USB_VCC0
USB Port VCC EN. When this signal is active (low), 5V power is enabled to
the USB port. When inactive, power to the USB port is disconnected.
This signal has no function with any daughter board other the MPC823 or
MPC850 daughter boards.
1
R,W
7
Reserved.
Implemented.
0
R,W
8
VIDEO_ON
Video Port Enable. When this signal is active (low), the Video-On Led on
the MPC823FADSDB is lit. When inactive, the led is darkened. This is
merely an indication that should be set by application S/W to indicate
activity of the Video Port, after it has been enabled via the I2C port.
This signal has no function with any daughter board other the MPC823
daughter board.
1
R,W
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com