Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 37Page - NXP Semiconductors MPC821 Datasheet HTML 38Page - NXP Semiconductors MPC821 Datasheet HTML 39Page - NXP Semiconductors MPC821 Datasheet HTML 40Page - NXP Semiconductors MPC821 Datasheet HTML 41Page - NXP Semiconductors MPC821 Datasheet HTML 42Page - NXP Semiconductors MPC821 Datasheet HTML 43Page - NXP Semiconductors MPC821 Datasheet HTML 44Page - NXP Semiconductors MPC821 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
ming" below:
4•8•1•1
SDRAM Initializing Procedure
After Power-up the SDRAM needs to be initialized in a certain manner, described below:
1)
UPMB should be programmed with values described in TABLE 3-8. "UPMB Initializations
for MB811171622A-100 upto 32MHz" on page 26 or in TABLE 3-9. "UPMB Initializations
for MB811171622A-100, 32+MHz - 50MHz" on page 27.
2)
Memory controller’s MPTPR, MBMR, OR4 and BR4 registers should be programmed ac-
cording to TABLE 3-6. "Memory Controller Initializations For 20Mhz" on page 22 or TABLE
3-3. "Memory Controller Initializations For 50Mhz" on page 19.
3)
MAR should be set with proper value (0x48 for upto 32MHz or 0x88 for 32 - 50 MHz)
4)
MCR should be written with 0x80808105 to run the MRS command programmed in loca-
tions 5 - 8 of UPMB.
5)
MBMR’s TLFB field should be changed to 8, to constitute 8-beat refresh Bursts.
6)
MCR should be written with 0x80808130 to run the refresh sequence (8 refresh cycles are
performed now)
7)
MBMR’s TLFB field should be restored to 4, to provide 4-beat refresh Bursts for normal op-
eration. The SDRAM is initialized and ready for operation.
4•8•2
SDRAM Refresh
The SDRAM is refreshed using its auto-refresh mode. I.e., using UMPB’s periodic timer, a burst of
four auto-refresh commands is issued to the SDRAM every 62.4
µsec, so that all 2048 SDRAM rows
are refreshed within specified 32.8 msec.
TABLE 4-7. SDRAM’s Mode Register Programming
Value @ Frequency
SDRAM Option
50MHz
25MHz
Burst Length
4
4
Burst Type
Sequential
Sequential
CAS Latency
2
1
Write Burst Length
Burst
Burst
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com