Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 64Page - NXP Semiconductors MPC821 Datasheet HTML 65Page - NXP Semiconductors MPC821 Datasheet HTML 66Page - NXP Semiconductors MPC821 Datasheet HTML 67Page - NXP Semiconductors MPC821 Datasheet HTML 68Page - NXP Semiconductors MPC821 Datasheet HTML 69Page - NXP Semiconductors MPC821 Datasheet HTML 70Page - NXP Semiconductors MPC821 Datasheet HTML 71Page - NXP Semiconductors MPC821 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
5•1•4
PCMCIA Port Connector
The PCMCIA port connector - P4, is a 68 - pin, Male, 900, PC Card type, signals of which are present-
ed in TABLE 5-4. "P4 - PCMCIA Connector Interconnect Signals" below
3
TPRX
Twisted-Pair Receive Data positive input to the MPC8XXFADS.
4
-
Not connected
5
-
Not connected
6
TPRX~
Twisted-Pair Receive Data negative input to the MPC8XXFADS.
7
-
Not connected
8
-
Not connected
TABLE 5-4. P4 - PCMCIA Connector Interconnect Signals
Pin No.
Signal Name
Attribute
Description
1
GND
Ground.
2
PCCD3
I/O
PCMCIA Data line 3.
3
PCCD4
I/O
PCMCIA Data line 4.
4
PCCD5
I/O
PCMCIA Data line 5.
5
PCCD6
I/O
PCMCIA Data line 6.
6
PCCD7
I/O
PCMCIA Data line 7.
7
BCE1A~
O
PCMCIA Chip Enable 1. Active-low. Enables EVEN numbered
address bytes.
8
PCCA10
O
PCMCIA Address line 10.
9
OE~
O
PCMCIA Output Enable signal. Active-low. Enables data outputs
from PC-Card during memory read cycles.
10
PCCA11
O
PCMCIA Address line 11.
11
PCCA9
O
PCMCIA Address line 9.
12
PCCA8
O
PCMCIA Address line 8.
13
PCCA13
O
PCMCIA Address line 13.
14
PCCA14
O
PCMCIA Address line 14.
15
WE~/PGM~
O
PCMCIA Memory Write Strobe. Active-low. Strobes data to PC-
Card during memory write cycles.
16
RDY
I
+Ready/-Busy signal from PC-Card. Allows PC-Card to stall
access from the host, in case a previous access’s processing is
not completed.
17
PCCVCC
O
5V VCC for the PC-Card. Switched by the MPC8XXFADS, via
BCSR1.
TABLE 5-3. P3 - Ethernet Port Interconnect Signals
Pin No.
Signal Name
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com