Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 42Page - NXP Semiconductors MPC821 Datasheet HTML 43Page - NXP Semiconductors MPC821 Datasheet HTML 44Page - NXP Semiconductors MPC821 Datasheet HTML 45Page - NXP Semiconductors MPC821 Datasheet HTML 46Page - NXP Semiconductors MPC821 Datasheet HTML 47Page - NXP Semiconductors MPC821 Datasheet HTML 48Page - NXP Semiconductors MPC821 Datasheet HTML 49Page - NXP Semiconductors MPC821 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
To support hot-insertionA the socket’s power is controlled via a dedicated PCMCIA power controller
the LTC1315 made by LINEAR TECHNOLOGY. This device, controlled by BCSR1, switches 12V
VPP for card programming and controls gates of external MOSFET transistors, through which the PC
Card VCC is switched.
When a card is inserted while the channel is enabled via BCSR1, i.e., both of the CD(1:2)* (Card
Detect) lines are asserted (low), the status of the voltage select lines VS(1:2)* should be read to de-
termine the PC Card’s operation voltage level according to which, PCCVCC(0:1) bits in BCSR1
should be set, to drive the correct VCC (5V) to the PC-Card.
When a card is being removed from the socket while the channel is enabled via BCSR1, the negation
of CD1~ and CD2~ may be sensed by the MPC and power supply to the card may be cut.
WARNNING
Any application S/W handling the PCMCIA channel
must check the Voltage-Sense lines before Power
is applied to the PC-Card. Otherwise, if 5V power is
applied to a 3.3V-Only card, permanent damage will
be inflicted to the PC-Card.
4•11
Board Control & Status Register - BCSR
Most of the hardware options on the MPC8XXFADS are controlled or monitored by the BCSR, which
is a 32B bit wide read / write register file. The BCSR is accessed via the MPC’s CS1 region and in
fact includes 5 registers: BCSR0 to BCSR4. Since the minimum block size for a CS region is
32KBytes, BCSR0 - BCSR4 are multiply duplicated within that region. See also TABLE 3-1.
"MPC8XXADS Main Memory Map" on page 17.
The following functions are controlled / monitored by the BCSR:
1)
MPC’s Hard Reset Configuration.
2)
Flash Module Enable / Disable
3)
Dram Module Enable / Disable
4)
Dram port width - 32 bit / 16 bit.
5)
SDRAM Module Enable / Disable.
6)
Ethernet port Enable / Disable.
7)
Infra-Red port Enable / Disable.
8)
RS232 port 1 Enable / Disable.
9)
RS232 port 2 Enable / Disable.
10) BCSR Enable / Disable.
11) Hard Reset Configuration Source - BCSR0 / FlashC Memory
12) PCMCIA control which include:
•
Channel Enable / Disable.
•
PC Card VCC appliance.
•
PC Card VPP appliance.
13) USBD Port Enable or UtopiaE Port Enable or 100-Base-TF Port Enable
A. I.e., card insertion when the FADS is powered
B. In fact only the upper 16 bits - D(0:15) are used, but the BCSR is mapped as a 32 bit wide register and should
be accessed as such.
C. Provided that support is provided also within the MPC.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com