Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 41Page - NXP Semiconductors MPC821 Datasheet HTML 42Page - NXP Semiconductors MPC821 Datasheet HTML 43Page - NXP Semiconductors MPC821 Datasheet HTML 44Page - NXP Semiconductors MPC821 Datasheet HTML 45Page - NXP Semiconductors MPC821 Datasheet HTML 46Page - NXP Semiconductors MPC821 Datasheet HTML 47Page - NXP Semiconductors MPC821 Datasheet HTML 48Page - NXP Semiconductors MPC821 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
FIGURE 4-6 PCMCIA Port Configuration
4•10•1
PCMCIA Power Control
5
D[8:15]
D[0:7]
CE2_A(B)
CE1_A(B)
ALE_A(B)
Data_A[7:0]
Data_A[15:8]
R/W
RDY/BSY_A(B), BVD(1:2)_A(B)
WE/PGM
Address_A[25:0]
CE1
CE2
12V
Power Logic
A[6:31]
8
8
1
1
26
1
1
1
PCCVCC
PCCVPP
5V
1
WE/PGM
REG
1
REG
OE
1
OE
IORD,IOWR
2
IORD,IOWR
RESET_A(B)
2
SPKROUT
1
1
26
3
1
1
1
2
2
8
8
1
1
3
1
or equiv.
WAIT_A(B), IOIS16_A(B)
POE_A(B)
1
1
4
buffer
with OE
Transparent latch
with OE
CD(1:2)_A(B),VS(1:2)_A(B)
4
VDD
VDD
From BCSR
RESET
1
VDD
VDD
PCMCIA_EN
MPC8XX
PCMCIA POWER CONTROL
PCMCIA SOCKET
OE
From BCSR
OE
LTC1315
LPF
On Daughter - Board
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com