Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 33Page - NXP Semiconductors MPC821 Datasheet HTML 34Page - NXP Semiconductors MPC821 Datasheet HTML 35Page - NXP Semiconductors MPC821 Datasheet HTML 36Page - NXP Semiconductors MPC821 Datasheet HTML 37Page - NXP Semiconductors MPC821 Datasheet HTML 38Page - NXP Semiconductors MPC821 Datasheet HTML 39Page - NXP Semiconductors MPC821 Datasheet HTML 40Page - NXP Semiconductors MPC821 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
be shifted one bit, this obviously involves extensive multiplexing (passive or active). If linear address-
ing scheme is not a must, than only minimal multiplexing is required to support variable port width.
In TABLE 4-4. "DRAM ADDRESS CONNECTIONS" below, the FADS’s dram address connection
scheme is presented:
As can seen from the table above, most of the address lines remain fixed while only 2 lines (the
shaded cells) need switching. The switching scheme is shown in FIGURE 4-2 "DRAM Address Lines’
Switching Scheme" on page 35. The switches on that figure are implemented by active multiplexers
controlled by the BCSR1/Dram_Half_Word* bit.
FIGURE 4-2 DRAM Address Lines’ Switching Scheme
TABLE 4-4. DRAM ADDRESS CONNECTIONS
Width
32 - Bit
16 - Bit
Depth
Depth
Dram ADD
4 M
1 M
4 M
1 M
A0
BA29
BA29
BA29
BA29
A1
BA28
BA28
BA28
BA28
A2
BA27
BA27
BA27
BA27
A3
BA26
BA26
BA26
BA26
A4
BA25
BA25
BA25
BA25
A5
BA24
BA24
BA24
BA24
A6
BA23
BA23
BA23
BA23
A7
BA22
BA22
BA22
BA22
A8
BA21
BA21
BA21
BA21
A9
BA20
BA20
BA20
BA30
A10
BA19
BA30
A(0:8)
A9
A10
BA(21:29)
BA20
BA30
BA19
BA30
DRAM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com