Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 23Page - NXP Semiconductors MPC821 Datasheet HTML 24Page - NXP Semiconductors MPC821 Datasheet HTML 25Page - NXP Semiconductors MPC821 Datasheet HTML 26Page - NXP Semiconductors MPC821 Datasheet HTML 27Page - NXP Semiconductors MPC821 Datasheet HTML 28Page - NXP Semiconductors MPC821 Datasheet HTML 29Page - NXP Semiconductors MPC821 Datasheet HTML 30Page - NXP Semiconductors MPC821 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 242 page
background image
OPERATING INSTRUCTIONS
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
TABLE 3-7. UPMA Initializations for 60nsec EDO DRAMs @ 20MHz
Cycle Type
Single Read
Burst Read
Single Write
Burst Write
Refresh
Exception
Offset in UPM
0
8
18
20
30
3C
Contents
@ Offset +
0
8FFFCC04
8FFFCC04
8FEFCC00
8FEFCC00
80FFCC84
33FFCC07
1
08FFCC00
08FFCC08
39BFCC47
09AFCC48
17FFCC04
X
2
33FFCC47
08FFCC08
X
09AFCC48
FFFFCC86
X
3
X
08FFCC08
X
09AFCC48
FFFFCC05
X
4
X
08FFCC00
X
39BFCC47
X
5
X
3FFFCC47
X
X
X
6
XXXXX
7
XXXXX
8
X
XX
9
X
XX
A
X
XX
B
X
XX
C
X
X
D
X
X
E
X
X
F
X
X
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com