Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 15Page - NXP Semiconductors MPC821 Datasheet HTML 16Page - NXP Semiconductors MPC821 Datasheet HTML 17Page - NXP Semiconductors MPC821 Datasheet HTML 18Page - NXP Semiconductors MPC821 Datasheet HTML 19Page - NXP Semiconductors MPC821 Datasheet HTML 20Page - NXP Semiconductors MPC821 Datasheet HTML 21Page - NXP Semiconductors MPC821 Datasheet HTML 22Page - NXP Semiconductors MPC821 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 242 page
background image
OPERATING INSTRUCTIONS
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
SDRAM and the FLASH memory respond to all types of memory access i.e., user / supervisory,
program / data and DMA.
3•4
Programming The MPC Registers
The MPC provides the following functions on the MPC8XXFADS:
1)
DRAM Controller
2)
SDRAM Controller
3)
Chip Select generator.
4)
UART for terminal or host computer connection.
a. x
∈ [B,T]
b. The device appears repeatedly in multiples of its size. E.g., BCSR0 appears at memory locations
2100000, 2100020, 2100040..., while BCSR1 appears at 2100004, 2100024, 2100044... and so on.
c. Only upper 16 bit (D0-D15) are in fact used.
d. Refer to the relevant MPC User’s Manual for complete description of the MPC internal memory map.
TABLE 3-1. MPC8XXADS Main Memory Map
ADDESS RANGE
Memory Type
Device Type
Port
Size
00000000 - 003FFFFF
DRAM SIMM
MB321Bxa08
MB322Bxa08
MC324Cxa00
MB328Cxa00
32
00400000 - 007FFFFF
32
00800000 - 00FFFFFF
32
01000000 - 01FFFFFF
32
02000000 - 020FFFFF
Empty Space
02100000 - 02103FFF
BCSR(0:4)b
32c
02100000 - 02103FE3
BCSR0
2100004 - 02103FE7
BCSR1
2100008 - 02103FEB
BCSR2
210000C - 02103FEF
BCSR3
2100010 - 02103FF3
BCSR4
02104000 - 021FFFFF
Empty Space
02200000 - 02207FFF
MPC
Internal
MAPd
32
02208000 - 027FFFFF
Empty Space
02800000 - 029FFFFF
Flash SIMM
MCM29F020
MCM29F040
SM732A1000A
MCM29F080
SM732A2000
32
02A00000 - 02BFFFFF
32
02C00000 - 02FFFFFF
32
03000000 - 033FFFFF
SDRAM
32
03400000 - FFFFFFFF
Empty Space
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com