Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 62Page - NXP Semiconductors MPC821 Datasheet HTML 63Page - NXP Semiconductors MPC821 Datasheet HTML 64Page - NXP Semiconductors MPC821 Datasheet HTML 65Page - NXP Semiconductors MPC821 Datasheet HTML 66Page - NXP Semiconductors MPC821 Datasheet HTML 67Page - NXP Semiconductors MPC821 Datasheet HTML 68Page - NXP Semiconductors MPC821 Datasheet HTML 69Page - NXP Semiconductors MPC821 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
5 - Support Information
In this chapter all information needed for support, maintenance and connectivity to the
MPC8XXFADS is provided.
5•1
Interconnect Signals
The MPC8XXFADS interconnects with external devices via the following set of connectors:
1)
P1 - ADI Port connector
2)
PA2 - RS232 port 1
3)
PB2 - RS232 port 2
4)
P3 - Ethernet port
5)
P4 - PCMCIA port
6)
P5 - External Debug port controller input / output
7)
P6 - 5V Power In
8)
P7 - 12V Power In
9)
P8 - Serial Ports’ Expansion connector
10) PD1, PD2, PD3 & PD4 - Daughter-Board Connectors
5•1•1
P1 ADI - Port Connector
The ADI port connector - P1, is a 37-pin, Male, 90o, D-Type connector, signals of which are described
in TABLE 5-1 "P1 - ADI Port Interconnect Signals" below:
TABLE 5-1 P1 - ADI Port Interconnect Signals
Pin No.
Signal Name
Description
1
Not connected with this application
2
D_C~
Data / Control selection. When ’1’, the debug port controller’s data register is accessed,
when ’0’ the debug port controller’s control register is accessed.
3
HST_ACK
Host Acknowledge input signal from the host.
4
ADS_SRESET
When asserted (’1’) and the FADS is selected by the host, generates Soft Reset to the
MPC.
5
ADS_HRESET
When asserted (’1’) and the FADS is selected by the host, generates Hard Reset
to the MPC.
6
ADS_SEL2
ADI I/F address line 2 (MSB).
7
ADS_SEL1
ADI I/F address line 1.
8
ADS_SEL0
ADI I/F address line 0 (LSB).
9
HOST_REQ
HOST Request input signal from the host
10
ADS_REQ
ADS Request output signal from the MPC8XXFADS to the host
11
ADS_ACK
ADS Acknowledge output signal from the MPC8XXFADS to the host
12
Not connected with this application
13
Not connected with this application
14
Not connected with this application
15
Not connected with this application
16
PD1
Bit 1 of the ADI port data bus
17
PD3
Bit 3 of the ADI port data bus
18
PD5
Bit 5 of the ADI port data bus
19
PD7
Bit 7 of the ADI port data bus
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com