Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 70Page - NXP Semiconductors MPC821 Datasheet HTML 71Page - NXP Semiconductors MPC821 Datasheet HTML 72Page - NXP Semiconductors MPC821 Datasheet HTML 73Page - NXP Semiconductors MPC821 Datasheet HTML 74Page - NXP Semiconductors MPC821 Datasheet HTML 75Page - NXP Semiconductors MPC821 Datasheet HTML 76Page - NXP Semiconductors MPC821 Datasheet HTML 77Page - NXP Semiconductors MPC821 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
A•1
U2 - Debug Port Controller
"******************************************************************************
"******************************************************************************
"* MPC8XX FADS Debug Port Controller.
*
"* Mach controller for an interface between Sun ADI port at one side, to
*
"* debug port at the other.
*
"******************************************************************************
"* In this file (8):
"* - Added support for VFLS / FRZ switching, for both normal operation and
"*
external debug station connected to the FADS.
"*
Support includes:
"*
- separating vfls between MPC and debug port.
"*
- Selection between frz / vfls (default) is done by VflsFrz~ input pin.
"*
- Selection between on-board / off-board vfls/frz is done by ChinS~ coming
"*
from the expansion connectors.
"*
- VFLS(0:1) are driven towards the debug-port connector when board is not
"*
selected, i.e., either ADI is disconnected or addresses don't match.
"******************************************************************************
"* In this file (7):
"* - BundleDelay field in the control register is changed to debug port
"*
clock frquency select according to the following values:
"*
0 - divide by 8 (1.25 Mhz)
"*
1 - divide by 4 (2.5 Mhz)
"*
2 - divide by 2 (5 Mhz)
"*
3 - divide by 1 (10 Mhz) default.
"* - Added clock divider for 2 , 4, 8 output of which is routed externaly
"*
to the i/f clock input.
"******************************************************************************
"* In this file (6):
"* - RUN siganl polarity was changed to active-high, this, to support
"*
other changes for revision PILOT of the fads.
"******************************************************************************
"* In this file (5) added:
"* - protection against spikes on the reset lines, so that the interface
"*
will not be reset by an accidental spike.
"* - D_C~ signal was synchronized to avoid accidental write to control
"*
during data write.
"* - DSDI is given value (H) prior to negation of SRESET* to comply with 5XX
"*
family
"******************************************************************************
"* In this file (4) the polarity of address selection lines is reversed so
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com