Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 59Page - NXP Semiconductors MPC821 Datasheet HTML 60Page - NXP Semiconductors MPC821 Datasheet HTML 61Page - NXP Semiconductors MPC821 Datasheet HTML 62Page - NXP Semiconductors MPC821 Datasheet HTML 63Page - NXP Semiconductors MPC821 Datasheet HTML 64Page - NXP Semiconductors MPC821 Datasheet HTML 65Page - NXP Semiconductors MPC821 Datasheet HTML 66Page - NXP Semiconductors MPC821 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
FIGURE 4-8 Standard Debug Port Connector
4•12•3
Standard MPCXXX Debug Port Connector Pin Description
The pins on the standard debug port connector are the maximal group needed to support debug port
controllers for both the MPC5XX and MPC8XX families. Some of the pins are redundant for the
MPC8XX family but are necessary for the MPC5XX family.
4•12•3•1 VFLS(0:1)
These pins indicate to the debug port controller whether or not the MPC is in debug mode. When both
VFLS(0:1) are at ’1’, the MPC is in debug mode. These lines may serve alternate functions with the
MPC, in which case FRZ needs to selected, on either the FADS or target systemA.
4•12•3•2 HRESET*
This is the Hard-Reset bidirectional signal of the MPC. When this signal is asserted (low) the MPC
enters hard reset sequence which include hard reset configuration. This signal is made redundant
with the MPC8XX debug port controller since there is a hard-reset command integrated within the
debug port protocol. However, the local debug port controller uses this signal for compatibility with
MPC5XX existing boards and s/w.
4•12•3•3 SRESET*
This is the Soft-Reset bidirectional signal of the MPC8XX. On the MPC5XX it is an output. The debug
port configuration is sampled and determined on the rising-edgeB of SRESET* (for both processor
families). On the MPC8XX it is a bidirectional signal which may be driven externally to generate soft
reset sequence. This signal is in fact redundant regarding the MPC8XX debug port controller since
there is a soft-reset command integrated within the debug port protocol. However, the local debug
port controller uses this signal for compatibility with MPC5XX existing boards and s/w.
4•12•3•4 DSDI - Debug-port Serial Data In
Via the DSDI signal, the debug port controller sends its data to the MPC. The DSDI serves also a role
during soft-reset configuration. (See 4•1•6•3 "Soft Reset Configuration" on page 29).
4•12•3•5 DSCK - Debug-port Serial Clock
During asynchronous clock mode, the serial data is clocked into the MPC accordingC to the DSCK
clock. The DSCK serves also a role during soft-reset configuration. (See 4•1•6•3 "Soft Reset Config-
uration" on page 29).
4•12•3•6 DSDO - Debug-port Serial Data Out
DSDO is clocked out by the MPC according to the debug port clock, in parallelD with the DSDI being
clocked in. The DSDO serves also as "READY" signal for the debug port controller to indicate that
the debug port is ready to receive controller’s command (or data).
A. If a target system needs to use VFLS(0:1) alternate function, then, FRZ line should be connected to both
VFLS(0:1) pins on the debug port connector.
B. In fact that configuration is divided into 2 parts, the first is sampled 3 system clock cycles prior to the rising
edge of SRESET* and the second is sampled 8 clocks after that edge.
C. I.e., DSDI must meat setup / hold time to / from rising edge of the DSCK.
D. I.e., full-duplex communication.
1
3
5
7
9
2
4
6
8
10
VFLS0
SRESET
DSCK
VFLS1
DSDI
DSDO
GND
GND
HRESET
VDD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com