Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 26Page - NXP Semiconductors MPC821 Datasheet HTML 27Page - NXP Semiconductors MPC821 Datasheet HTML 28Page - NXP Semiconductors MPC821 Datasheet HTML 29Page - NXP Semiconductors MPC821 Datasheet HTML 30Page - NXP Semiconductors MPC821 Datasheet HTML 31Page - NXP Semiconductors MPC821 Datasheet HTML 32Page - NXP Semiconductors MPC821 Datasheet HTML 33Page - NXP Semiconductors MPC821 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
4 - Functional Description
In this chapter the various modules combining the MPC8XXFADS are described to their design
details.
4•1
Reset & Reset - Configuration
There are several reset sources on the FADS:
1) Keep Alive Power-On ResetA
2) Regular Power On Reset
3) Manual Soft-Reset
4) Manual Hard-Reset
5) MPC Internal Sources. (See the appropriate Spec or U/M)
4•1•1
Keep Alive Power-On Reset
The Keep Alive Power - On Reset logic resides on the daughter board this since the Keep Alive power
bus is on that board and it also allows the use of the daughter board connected directly to a user’s
application.
4•1•2
Regular Power - On Reset
The regular power on reset operates in the same manner as the keep alive power-on reset, using a
similar device - the Seiko - S-8052ANY-NH-X with detection voltage of 2.595V to 2.805V. The refer-
ence voltage of this device is the MAIN VDDH bus of the MPC while the reset line assertedB, is the
HRESET* line.
When HRESET~ is asserted to the MPC, Hard-Reset configuration is made available to the MPC, via
BCSR0. See 4•1•6•2 "Hard Reset Configuration" on page 29 and TABLE 4-9. "BCSR0 Description"
on page 46.
4•1•3
Manual Soft Reset
To support application development not around the debug port and resident debuggers, a soft reset
push-button is provided. (SW2) Depressing that button, asserts the SRESET* pin of the MPC, gen-
erating a SOFT RESET sequence.
When the SRESET~ line is asserted to the MPC, the Soft-Reset configuration is made available to
the MPC, by the debug-port controller. See 4•1•6•3 "Soft Reset Configuration" on page 29.
4•1•4
Manual Hard Reset
To support application development not around the debug port, a Hard-Reset push-button is provid-
edC. When the Soft Reset push-button (SW2) is depressed in conjunction with the ABORT push-
button (SW1), the HRESET* line is asserted, generating a HARD RESET sequence. The button
sharing is for economy and board space saving and does not effect in any way, functionality.
4•1•5
MPC Internal Sources
Since the HRESET* and SRESET* lines of the MPC are open-drain and the on-board reset logic
drives these lines with open-drain gates, the correct operation of the internal reset sources of the
MPC is facilitated. As a rule, an internal reset source asserts HRESET* and / or SRESET* for a
minimum time of 512 system clocks. It is beyond the scope of this document to describe these
sources, however Debug-Port Soft / Hard Resets which are part of the development systemD, are
A. In fact generated on the daughter board.
B. Again not directly.
C. It is not a dedicated button.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com