Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 16Page - NXP Semiconductors MPC821 Datasheet HTML 17Page - NXP Semiconductors MPC821 Datasheet HTML 18Page - NXP Semiconductors MPC821 Datasheet HTML 19Page - NXP Semiconductors MPC821 Datasheet HTML 20Page - NXP Semiconductors MPC821 Datasheet HTML 21Page - NXP Semiconductors MPC821 Datasheet HTML 22Page - NXP Semiconductors MPC821 Datasheet HTML 23Page - NXP Semiconductors MPC821 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 242 page
background image
OPERATING INSTRUCTIONS
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
5)
Ethernet controller.
6)
Infra-Red Port Controller
7)
General Purpose I/O signals.
The internal registers of the MPC must be programmed after Hard reset as described in the following
paragraphs. The addresses and programming values are in hexadecimal base.
For better understanding the of the following initializations refer to the MPC821 or to the MPC860
User’s Manual for more information.
3•4•1
Memory Controller Registers Programming
The memory controller on the MPC8XXFADS is initialized to 50 MHz operation. I.e., registers’ pro-
gramming is based on 50 MHZ timing calculation except for refresh timer which is initialized to
16.67Mhz, the lowest frequency at which the FADS may wake up. Since the FADS may be made to
wake-up at 25MHzA as well, the initializations are not efficient, since there are too many wait-states
inserted. Therefore, additional set of initialization is provided to support efficient 25MHz operation.
The reason for initializing the FADS for 50Mhz is to allow proper (although not efficient) FADS oper-
ation through all available FADS clock frequencies.
A. The only parameter which is initialized to the start-up frequency, is the refresh rate, which would have been
inadequate if initialized to 50Mhz while board is running at a lower frequency. Therefore, for best bus band-
width availability, refresh rate should be adapted to the current system clock frequency.
TABLE 3-2. SIU REGISTERS’ PROGRAMMING
Register
Init Value[hex]
Description
SIUMCR
01032440
Internal arbitration, External master arbitration priority - 0, External arbitration
priority - 0, PCMCIA channel II pins - PCMCIA, Debug Port on JTAG port pins,
FRZ/IRQ6~ - FRZ, debug register - locked, No parity for non-CS regions, DP(0:3)/
IRQ(3:6)~ pins - DP(0:3), reservation disabled, SPKROUT - Tri-stated, BS_A(0:3)~
and WE(0:3)~ are driven just on their dedicated pins, GPL_B5~ enabled, GPL_A/
B(2:3)~ function as GPLs.
SYPCR
FFFFFF88
Software watchdog timer count - FFFF, Bus-monitor timing FF, Bus-monitor -
Enabled, S/W watch-dog - Freeze, S/W watch-dog - disabled, S/W watch-dog (if
enabled) causes NMI, S/W (if enabled) not prescaled.
TBSCR
00C2
No interrupt level, reference match indications cleared, interrupts disabled, no
freeze, time-base disabled.
RTCSC
00C2
Interrupt request level - 0, 32768 Hz source, second interrupt disabled, Alarm
interrupt disabled, Real-time clock - FREEZE, Real-time clock enabled.
PISCR
0082
No level for interrupt request, Periodic interrupt disabled, clear status, interrupt
disabled, FREEZE, periodic timer disabled.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com