Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC821 Datasheet(PDF) 94 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 90Page - NXP Semiconductors MPC821 Datasheet HTML 91Page - NXP Semiconductors MPC821 Datasheet HTML 92Page - NXP Semiconductors MPC821 Datasheet HTML 93Page - NXP Semiconductors MPC821 Datasheet HTML 94Page - NXP Semiconductors MPC821 Datasheet HTML 95Page - NXP Semiconductors MPC821 Datasheet HTML 96Page - NXP Semiconductors MPC821 Datasheet HTML 97Page - NXP Semiconductors MPC821 Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 242 page
background image
Support Information
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
"* Rx shift register or the status request bit in the control register is
"* active during a previous host write to the control register.
"* When the host detectes AdsReq asserted, it assertes HstAck in return. HstAck
"* double synchronized from the ADI port and delayed using the bundle delay
"* compensation timer to negate AdsReq. When the host detects AdsReq negated
"* it knows that data is valid to be read. After the host reads the data it
"* negates HstAck.
"* The machine steps through these states :
"* 0 - !ADS_REQ_ACTIVE
"* 1 - ADS_REQ_ACTIVE
"******************************************************************************
equations
AdsReq.clk
= IClk;
AdsReq.ar
= Reset;
AdsReq.oe
= ADS_IS_SELECTED;
S_HstAck.clk = IClk;
DS_HstAck.clk = IClk;
S_HstAck := HstAck;
DS_HstAck := HstAck & S_HstAck;"double synced
state_diagram AdsReq
state !ADS_REQ_ACTIVE:
if ( TxEn.fb & TxWordEnd
#" end of data shift to MPC8XX
ADS_SEND_STATUS) then" end of control write and status required
ADS_REQ_ACTIVE
else
!ADS_REQ_ACTIVE;
state ADS_REQ_ACTIVE:
if ( HOST_READ_ADI & BndTmrExp.fb ) then
!ADS_REQ_ACTIVE
else
ADS_REQ_ACTIVE;
"******************************************************************************
"* ADI control register.
"* The ADI control register is written upon host to ADI write with a
"* D_C~ line is in control mode. It also may be read when StatusRequest~ bit
"* is active.
"*
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com