Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17062 Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # UPD17062
Description  MOS INTEGRATED CIRCUIT
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17062 Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button UPD17062 Datasheet HTML 289Page - Renesas Technology Corp UPD17062 Datasheet HTML 290Page - Renesas Technology Corp UPD17062 Datasheet HTML 291Page - Renesas Technology Corp UPD17062 Datasheet HTML 292Page - Renesas Technology Corp UPD17062 Datasheet HTML 293Page - Renesas Technology Corp UPD17062 Datasheet HTML 294Page - Renesas Technology Corp UPD17062 Datasheet HTML 295Page - Renesas Technology Corp UPD17062 Datasheet HTML 296Page - Renesas Technology Corp UPD17062 Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 298 page
background image
291
µPD17062
26. RECOMMENDED SOLDERING CONDITIONS
The conditions listed below shall be met when soldering the
µPD17062.
For details of the recommended soldering conditions, refer to our document
SMD Surface Mount
Technology Manual (IEI-1207).
Please consult with our sales offices in case any other soldering process is used, or in case soldering is
done under different conditions.
Table 26-1
Soldering Conditions for Surface-Mount Devices
µPD17062GC-×××-3BE:
64-pin plastic QFP (14
× 14 mm)
Symbol
IR35-207-1
VP15-207-2
–
Soldering process
Infrared ray reflow
VPS
Partial heating method
Soldering conditions
Peak package’s surface temperature: 235 ˚C
Reflow time: 30 seconds or less (at 210 ˚C or more)
Maximum allowable number of reflow processes: 1
Exposure limit Note: 7 days (20 hours of pre-baking is required at
125 ˚C afterward.)
Peak package’s surface temperature: 215 ˚C
Reflow time: 40 seconds or less (at 200 ˚C or more)
Maximum allowable number of reflow processes: 2
Exposure limit Note: 7 days (20 hours of pre-baking is required at
125 ˚C afterward.)
<Cautions>
(1) Do not start reflow-soldering the device if its temperature is
higher than the room temperature because of a previous
reflow soldering.
(2) Do not use water for flux cleaning before a second reflow
soldering.
Terminal temperature: 300 ˚C or less
Heat time: 3 seconds or less (for each side of device)
Note Exposure limit before soldering after dry-pack package is opened.
Storage conditions: Temperature of 25 ˚C and maximum relative humidity at 65% or less
Caution Do not apply more than a single process at once, except for “Partial heating method.”
Table 26-2
Soldering Conditions for Through Hole Mount Devices
µPD17062CU-×××: 48-pin plastic shrink DIP (600 mil)
Caution In wave soldering, apply solder only to the lead section. Care must be taken that jet solder does
not come in contact with the main body of the package.
Wave soldering
(only for leads)
Partial heating method
Soldering process
Soldering conditions
Solder temperature: 260
°C or less
Flow time: 10 seconds or less
Terminal temperature: 260
°C or less
Heat time: 10 seconds or less



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com